Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6472 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472
Description  Digital Signal Processor Silicon Revisions 2.0 1.2 1.1 1.0
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6472 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320C6472 Datasheet HTML 9Page - Texas Instruments TMS320C6472 Datasheet HTML 10Page - Texas Instruments TMS320C6472 Datasheet HTML 11Page - Texas Instruments TMS320C6472 Datasheet HTML 12Page - Texas Instruments TMS320C6472 Datasheet HTML 13Page - Texas Instruments TMS320C6472 Datasheet HTML 14Page - Texas Instruments TMS320C6472 Datasheet HTML 15Page - Texas Instruments TMS320C6472 Datasheet HTML 16Page - Texas Instruments TMS320C6472 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
www.ti.com
Silicon Revision 2.0 Usage Notes and Known Design Exceptions to Functional Specifications
Advisory 16
CPU: Back-to-Back SPLOOPs With Interrupts Can Cause Incorrect Operation on
C64x+ CPU
Revision(s) Affected:
2.0, 1.2, 1.1, 1.0
Details:
Back-to-back software pipeline loops (SPLOOPs) with interrupts can cause incorrect
operation on the C64x+ CPU. This bug occurs when the first SPLOOP is interrupted and
there are less than two execute packets between the SPKERNEL of the first SPLOOP
block (SPKERNEL instruction marks the end of the first SPLOOP block) and the
SPLOOP instruction of the second SPLOOP block (SPLOOP instruction marks the
beginning of the second SPLOOP block). The first SPLOOP block terminates abruptly
(i.e., without completing the loop, even though the termination condition is false). The
failure mechanism can be seen as a hang or by the first SPLOOP block draining for the
interrupt and starting the second SPLOOP block without taking the interrupt or returning
to complete the first SPLOOP block.
Workaround:
The C6000 compiler release v6.0.6, and above, detects this problem. If there are fewer
than two execute packets between the SPKERNEL and SPLOOP instructions, the
compiler adds the appropriate number of NOP instructions following the SPKERNEL
instruction. For example:
SPKERNEL 0, 0
NOP 1 ; SDSCM00012367 HW bug workaround
MVK .L1 0x1,A0
[ A0] SPLOOPW 3 ;12
NOP 1
The assembler detects sequences that could potentially trigger this bug and issues a
remark. For example:
"neg_test.asm", REMARK at line 21 [R5001] SDSCM00012367 potentially triggered by
this execute packet sequence. SLOOP must be at least 2 EPs away from previous
SPKERNEL for safe interrupt behavior.
Note: The assembler tool, asm6x.exe, can be used to determine if a previous version of
the compiler generated code that could potentially be affected by this silicon issue. The
assembler can also be used on assembly source code to see if the source could be
affected by this issue. Replace the old version of asm6x.exe with the v6.0.6 asm6x.exe
in your current build setup and recompile or reassemble.
13
SPRZ300 – October 2009
TMS320C6472 DSP
Silicon Revisions 2.0, 1.2, 1.1, 1.0
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com