Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6472 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472
Description  Digital Signal Processor Silicon Revisions 2.0 1.2 1.1 1.0
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6472 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320C6472 Datasheet HTML 3Page - Texas Instruments TMS320C6472 Datasheet HTML 4Page - Texas Instruments TMS320C6472 Datasheet HTML 5Page - Texas Instruments TMS320C6472 Datasheet HTML 6Page - Texas Instruments TMS320C6472 Datasheet HTML 7Page - Texas Instruments TMS320C6472 Datasheet HTML 8Page - Texas Instruments TMS320C6472 Datasheet HTML 9Page - Texas Instruments TMS320C6472 Datasheet HTML 10Page - Texas Instruments TMS320C6472 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
www.ti.com
Introduction
Table 2. Silicon Revision Registers
SILICON
SILICON REVISION ID REGISTER
JTAG ID REGISTER VALUE
REVISION
(02A8 070Ch)
(02A8 0008h)
2.0
0020 0091h
2009 102Fh
MAJOR REVISION (bits 23:20): 2h
VARIANT (bits 31:28): 2h
MINOR REVISION (bits 19:16): 0h
1.2
0012 0091h
1009 102Fh
MAJOR REVISION (bits 23:20): 1h
VARIANT (bits 31:28): 1h
MINOR REVISION (bits 19:16): 2h
1.1
0011 0091h
0009 102Fh
MAJOR REVISION (bits 23:20): 1h
VARIANT (bits 31:28): 0h
MINOR REVISION (bits 19:16): 1h
1.0
0010 0091h
0009 102Fh
MAJOR REVISION (bits 23:20): 1h
VARIANT (bits 31:28): 0h
MINOR REVISION (bits 19:16): 0h
The 64x+ Megamodule contains a revision register and the 64x+ CPU core within the Megamodule also
has a revision field in a status register. The Megamodule Revision ID Register provides the Megamodule
revision in explicit fields. The Megamodule revision information can be read directly from the VERSION
and REVISION fields within this register. The Megamodule Revision ID Register is at local address
location 0181 2000h. Table 3 shows the contents of the Megamodule Revision ID Register for each silicon
revision. More details on the Megamodule Revision ID Register can be found in the TMS320C6472
Fixed-Point Digital Signal Processor (literature number SPRS612).
The Control Status Register within the 64x+ CPU core provides CPU Revision fields that are associated
with the silicon revision. The Control Status Resister (CSR) is part of the CPU's control register file. Only
the CPU ID and REVISION ID fields in the CSR reflect CPU revision information. Table 3 shows the
contents of the CPU ID and the REVISION ID fields in the CSR register for each silicon revision. More
details on the CSR register can be found in the TMS320C64x/C64x+ DSP CPU and Instruction Set
Reference Guide (literature number SPRU732).
Table 3. Megamodule Revision Registers
SILICON
MEGAMODULE REVISION ID
CPU REVISION
REVISION
REGISTER (0181 2000h)
(CPU CSR Register)
2.0
0001 0004h
CPU ID (bits 31:24): 10h
VERSION (bits 31:16): 0001h
REVISION ID (bits 23:16): 00h
REVISION (bits 15:0): 0004h
1.2
0001 0003h
CPU ID (bits 31:24): 10h
VERSION (bits 31:16): 0001h
REVISION ID (bits 23:16): 00h
REVISION (bits 15:0): 0003h
1.1
0001 0003h
CPU ID (bits 31:24): 10h
VERSION (bits 31:16): 0001h
REVISION ID (bits 23:16): 00h
REVISION (bits 15:0): 0003h
1.0
0001 0003h
CPU ID (bits 31:24): 10h
VERSION (bits 31:16): 0001h
REVISION ID (bits 23:16): 00h
REVISION (bits 15:0): 0003h
7
SPRZ300 – October 2009
TMS320C6472 DSP
Silicon Revisions 2.0, 1.2, 1.1, 1.0
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com