Electronic Components Datasheet Search
  English  ▼

X  

SY54020R Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY54020R
Description  Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps, 2.5GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY54020R Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY54020R Datasheet HTML 1Page - Micrel Semiconductor SY54020R Datasheet HTML 2Page - Micrel Semiconductor SY54020R Datasheet HTML 3Page - Micrel Semiconductor SY54020R Datasheet HTML 4Page - Micrel Semiconductor SY54020R Datasheet HTML 5Page - Micrel Semiconductor SY54020R Datasheet HTML 6Page - Micrel Semiconductor SY54020R Datasheet HTML 7Page - Micrel Semiconductor SY54020R Datasheet HTML 8Page - Micrel Semiconductor SY54020R Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Micrel, Inc.
SY54020R
April 2009
5
M9999-041409-A
hbwhelp@micrel.com or (408) 955-1690
CML Outputs DC Electrical Characteristics
(5)
VCCO = 1.14V to 1.26V, RL = 50Ω to VCCO,
VCCO = 1.7V to 1.9V; 2.375V to 2.625V, RL = 50Ω to VCCO or 100Ω across the outputs,
VCC = 2.375V to 2.625V. TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
RL = 50Ω to VCCO
VCCO-0.020
VCCO-0.010
VCCO
V
VOUT
Output Voltage Swing
See Figure 3a
300
390
475
mV
VDIFF_OUT
Differential Output Voltage Swing
See Figure 3b
600
780
950
mV
ROUT
Output Source Impedance
45
50
55
Ω
LVTTL/CMOS DC Electrical Characteristics
(5)
VCC = 2.5V ±5%, TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
0.8
V
IIH
Input HIGH Current
VIH = VCC
200
µA
IIL
Input LOW Current
VIL = 0V
-5
75
µA
Note:
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com