Electronic Components Datasheet Search
  English  ▼

X  

SY54020R Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY54020R
Description  Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps, 2.5GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY54020R Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY54020R Datasheet HTML 3Page - Micrel Semiconductor SY54020R Datasheet HTML 4Page - Micrel Semiconductor SY54020R Datasheet HTML 5Page - Micrel Semiconductor SY54020R Datasheet HTML 6Page - Micrel Semiconductor SY54020R Datasheet HTML 7Page - Micrel Semiconductor SY54020R Datasheet HTML 8Page - Micrel Semiconductor SY54020R Datasheet HTML 9Page - Micrel Semiconductor SY54020R Datasheet HTML 10Page - Micrel Semiconductor SY54020R Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Micrel, Inc.
SY54020R
April 2009
7
M9999-041409-A
hbwhelp@micrel.com or (408) 955-1690
Functional Description
Fail-Safe Input (FSI)
The input of this device has a built-in FSI circuit that
senses the input amplitude and latches the output
when the input signal is not present or when its
amplitude drops below 100mVPK (200mVPP), typically
30mVPK. Maximum frequency of the SY54020R is
limited by the FSI function.
Input Clock Failure Case
If the input clock fails to a floating, static, or extremely
low input signal swing, the FSI function will eliminate a
metastable condition and guarantee a stable output.
No ringing and no undetermined state will occur at the
output under these conditions.
Note that the FSI function will not prevent duty cycle
distortion in case of a slowly deteriorating (but still
toggling) input signal close to the FSI threshold. Due
to the FSI function, the propagation delay will depend
upon rise and fall time of the input signal and on its
amplitude. Refer to “Typical Characteristics” for
detailed information.
Interface Applications
For Input Interface Applications, see Figures 4a
through 4f. For CML Output Termination, see Figures
5a through 5d.
CML Output Termination with VCCO 1.2V
For VCCO of 1.2V, Figure 5a, terminate the output
with 50
Ω to1.2V, DC-coupled, not 100Ω differentially
across the outputs.
If AC-coupling is used, Figure 5d, terminate into 50
Ω
to 1.2V before the coupling capacitor and then
connect to a high value resistor to a reference voltage.
Do not AC-couple with internally terminated receiver,
such as 50
Ω ANY-IN input. AC-coupling will offset the
output voltage by 200mV and this offset voltage will
be too low for proper driver operation. Any unused
output pair needs to be terminated when VCCO is
1.2V, do not leave floating.
CML Output Termination with VCCO 1.8V, 2.5V
For VCCO of 1.8V and 2.5V, Figure 5a and Figure 5b,
terminate
with
either
50
Ω to VCCO or 100Ω
differentially across the outputs. See Figure 5c for AC-
coupling.
Input AC-Coupling
The SY54020R input can accept AC-coupling from
any driver. Bypass VT with a 0.1µF low ESR capacitor
to VCC, as shown in Figures 4c and 4d. VT has an
internal high impedance resistor divider as shown in
Figure 2a, to provide a bias voltage for AC-coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com