Electronic Components Datasheet Search
  English  ▼

X  

SY54020R Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY54020R
Description  Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps, 2.5GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY54020R Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY54020R Datasheet HTML 6Page - Micrel Semiconductor SY54020R Datasheet HTML 7Page - Micrel Semiconductor SY54020R Datasheet HTML 8Page - Micrel Semiconductor SY54020R Datasheet HTML 9Page - Micrel Semiconductor SY54020R Datasheet HTML 10Page - Micrel Semiconductor SY54020R Datasheet HTML 11Page - Micrel Semiconductor SY54020R Datasheet HTML 12Page - Micrel Semiconductor SY54020R Datasheet HTML 13Page - Micrel Semiconductor SY54020R Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Micrel, Inc.
SY54020R
April 2009
10
M9999-041409-A
hbwhelp@micrel.com or (408) 955-1690
Functional Characteristics
VCC = 2.5V, VCCO =1.2V GND = 0V, VIN = 400mV, RL = 50Ω to 1.2V, TA = 25°C, unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com