Electronic Components Datasheet Search
  English  ▼

X  

ICS9UMS9633B Datasheet(PDF) 20 Page - Integrated Device Technology

Part # ICS9UMS9633B
Description  ULTRA MOBILE PC/MOBILE INTERNET DEVICE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9UMS9633B Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button ICS9UMS9633B Datasheet HTML 14Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 15Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 16Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 17Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 18Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 19Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 20Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 21Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 22Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
IDTTM/ICSTM Ultra Mobile PC/Mobile Internet Device
1423—01/20/09
ICS9UMS9633B
ULTRA MOBILE PC/MOBILE INTERNET DEVICE
20
Advance Information
Ordering Information
9UMS9633BKLFT
Example:
Designation for tape and reel packaging
Lead Free, RoHS Compliant
Package Type
K = MLF
Revision Designator
Device Type
XXXX B K LF T
DIMENSIONS
A0.8
1.0
N
48
A1
0
0.05
ND
12
A3
NE
12
b
0.18
0.3
D x E BASIC
6.00 x 6.00
e
D2 MIN. / MAX.
3.95 / 4.25
E2 MIN. / MAX.
3.95 / 4.25
L MIN. / MAX.
0.30 / 0.50
0.20 Reference
0.40 BASIC
48L
TOLERANCE
THERMALLY ENHANCED, VERY THIN, FINE PITCH
QUAD FLAT / NO LEAD PLASTIC PACKAGE
DIMENSIONS
SYMBOL
MIN.
MAX.
SYMBOL
Top View
Index Area
D
Sawn
Singulation
Anvil
Singulation
A
0. 08
C
C
A3
A1
Seating Plane
E2
E2
2
L
(N
-1)x e
(Ref.)
& N
N
Even
N
e
D2
2
D2
(Re f.)
&
Odd
1
2
e
2
(Typ.)
(Ref.)
(Ref.)
If N & N
(N -1)x
b
Thermal
Base
N
OR
Chamfer 4x
0.6 x 0.6 max
OPTIONAL
e
D
N
N
D
D
D
are Even



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com