Electronic Components Datasheet Search
  English  ▼

X  

ICS9UMS9633B Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS9UMS9633B
Description  ULTRA MOBILE PC/MOBILE INTERNET DEVICE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9UMS9633B Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS9UMS9633B Datasheet HTML 1Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 2Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 3Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 4Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 5Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 6Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 7Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 8Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ICS9UMS9633B
IDTTM/ICSTM Ultra Mobile PC/Mobile Internet Device
1423—01/20/09
Advance Information
ULTRA MOBILE PC/MOBILE INTERNET DEVICE
1
Recommended Application:
Features/Benefits:
Poulsbo Based Ultra-Mobile PC (UMPC)
Supports Dothan ULV CPUs with 67 to 167
MHz CPU outputs
Dedicated TEST/SEL and TEST/MODE pins
saves isolation resistors on pins
CPU STOP# input for power manangment
Fully integrated Vreg
Integrated series resistors on differential
outputs
1.5V VDD IO operation, 3.3V VDD core and
REF supply pin for REF
Industrial Temperature (-40 to +85C) version
available
Output Features:
3 - CPU low power differential push-pull pairss
3 - SRC low power differential push-pull pairs
1 - LCD100 SSCD low power differential
push-pull pair
1 - DOT96 low power differential push-pull
pair
1 - REF, 14.31818MHz, 3.3V SE output
SSOP Pin Configuration
REF 1
48 VDDREF_3.3
GNDREF 2
47 X1
VDDCORE_3.3 3
46 X2
FSC_L 4
45 CLKPWRGD#/PD_3.3
TEST_MODE 5
44 CPU_STOP#
TEST_SEL 6
43 CPUT0_LPR
SCLK 7
42 CPUC0_LPR
SDATA 8
41 VDDIO_1.5
VDDCORE_3.3 9
40 GNDCPU
VDDIO_1.5 10
39 CPUT1_LPR
DOT96C_LPR 11
38 CPUC1_LPR
DOT96T_LPR 12
37 VDDCORE_3.3
GNDDOT 13
36 VDDIO_1.5
GNDLCD 14
35 GNDCPU
LCD100C_LPR 15
34 CPUT2_LPR
LCD100T_LPR 16
33 CPUC2_LPR
VDDIO_1.5 17
32 FSB_L
VDDCORE_3.3 18
31 *CR#2
*CR#0 19
30 SRCT2_LPR
GNDSRC 20
29 SRCC2_LPR
SRCC0_LPR 21
28 GNDSRC
SRCT0_LPR 22
27 SRCT1_LPR
*CR#1 23
26 SRCC1_LPR
VDDCORE_3.3 24
25 VDDIO_1.5
* indicates inputs with internal pull up of ~10Kohm to 3.3V
48 SSOP Package


Similar Part No. - ICS9UMS9633B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9UMS9633BI IDT-ICS9UMS9633BI Datasheet
215Kb / 22P
ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
ICS9UMS9633BW IDT-ICS9UMS9633BW Datasheet
180Kb / 18P
ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
More results

Similar Description - ICS9UMS9633B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9UMS9633BI IDT-ICS9UMS9633BI Datasheet
215Kb / 22P
ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
ICS9UMS9633BW IDT-ICS9UMS9633BW Datasheet
180Kb / 18P
ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
ICS9EMS9633 IDT-ICS9EMS9633 Datasheet
161Kb / 22P
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
logo
List of Unclassifed Man...
IMX-2000 ETC2-IMX-2000 Datasheet
1Mb / 2P
Industrial Mobile Handheld Device
IMX-3000 ETC2-IMX-3000 Datasheet
516Kb / 2P
Industrial Mobile Handheld Device
IMX-9000 ETC2-IMX-9000 Datasheet
419Kb / 2P
Industrial Mobile Handheld Device
logo
Toshiba Semiconductor
MQ02ABXXXXH TOSHIBA-MQ02ABXXXXH Datasheet
320Kb / 2P
CLIENT MOBILE & MOBILE THIN HDD
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
ICS9EMS9633 RENESAS-ICS9EMS9633 Datasheet
312Kb / 23P
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
logo
Endress+Hauser Group Se...
CML18 EH-CML18 Datasheet
1Mb / 16P
Multiparameter mobile device
2021-03-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com