Electronic Components Datasheet Search
  English  ▼

X  

ICS9UMS9633B Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS9UMS9633B
Description  ULTRA MOBILE PC/MOBILE INTERNET DEVICE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9UMS9633B Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS9UMS9633B Datasheet HTML 1Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 2Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 3Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 4Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 5Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 6Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 7Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 8Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
IDTTM/ICSTM Ultra Mobile PC/Mobile Internet Device
1423—01/20/09
ICS9UMS9633B
ULTRA MOBILE PC/MOBILE INTERNET DEVICE
4
Advance Information
MLF Pin Configuration
48 47 46 45 44 43 42 41 40 39 38 37
CPU_STOP# 1
36 *CR#2
CLKPWRGD#/PD_3.3 235 SRCT2_LPR
X2 334 SRCC2_LPR
X1 433 GNDSRC
VDDREF_3.3 532 SRCT1_LPR
REF 631 SRCC1_LPR
GNDREF 730 VDDIO_1.5
VDDCORE_3.3 8
29 VDDCORE_3.3
FSC_L 928 *CR#1
TEST_MODE 10
27 SRCT0_LPR
TEST_SEL 11
26 SRCC0_LPR
SCLK_3.3 12
25 GNDSRC
13 14 15 16 17 18 19 20 21 22 23 24
* indicates inputs with internal pull up of ~10Kohm to 3.3V
48-pin MLF, 6x6 mm, 0.4mm pitch
ICS9UMS9633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com