Electronic Components Datasheet Search
  English  ▼

X  

ICS9UMS9633B Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS9UMS9633B
Description  ULTRA MOBILE PC/MOBILE INTERNET DEVICE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9UMS9633B Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS9UMS9633B Datasheet HTML 6Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 7Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 8Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 9Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 10Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 11Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 12Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 13Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
IDTTM/ICSTM Ultra Mobile PC/Mobile Internet Device
1423—01/20/09
ICS9UMS9633B
ULTRA MOBILE PC/MOBILE INTERNET DEVICE
10
Advance Information
Electrical Characteristics - SMBus Interface
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
SMBus Voltage
V
DD
2.7
3.3
V
1
Low-level Output Voltage
V
OLSMB
@ I
PULLUP
0.4
V
1
Current sinking at
V
OLSMB = 0.4 V
I
PULLUP
SMB Data Pin
4
mA
1
SCLK/SDATA
Clock/Data Rise Time
T
RI2C
(Max VIL - 0.15) to
(Min VIH + 0.15)
1000
ns
1
SCLK/SDATA
Clock/Data Fall Time
T
FI2C
(Min VIH + 0.15) to
(Max VIL - 0.15)
300
ns
1
Maximum SMBus Operating
Frequency
F
SMBUS
Block Mode
100
kHz
1
Notes on Electrical Characteristics:
1Guaranteed by design and characterization, not 100% tested in production.
2 Slew rate measured through Vswing centered around differential zero
3 Vxabs is defined as the voltage where CLK = CLK#
4 Only applies to the differential rising edge (CLK rising and CLK# falling)
6 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REF is at 14.31818MHz
7 Operation under these conditions is neither implied, nor guaranteed.
9 See PCI Clock-to-Clock Delay Figure
8 Maximum input voltage is not to exceed maximum VDD
5 Defined as the total variation of all crossing voltages of CLK rising and CLK# falling. Matching applies to rising edge rate of
CLK and falling edge of CLK#. It is measured using a +/-75mV window centered on the average cross point where CLK meets
CLK#. The average cross point is used to calculate the voltage thresholds the oscilloscope is to use for the edge rate
calculations.
Clock Periods Differential Outputs with Spread Spectrum Enabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
Lg-
-SSC
-ppm error
0ppm
+ ppm error
+SSC
Lg+
Absolute
Period
Short-term
Average
Long-Term
Average
Period
Long-Term
Average
Short-term
Average
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Nominal
Maximum
Maximum
Maximum
SRC 100
9.87400
9.99900
9.99900
10.00000
10.00100
10.05130
10.17630
ns
1,2
CPU 100
9.91400
9.99900
9.99900
10.00000
10.00100
10.05130
10.13630
ns
1,2
CPU 133
7.41425
7.49925
7.49925
7.50000
7.50075
7.53845
7.62345
ns
1,2
CPU 166
5.91440
5.99940
5.99940
6.00000
6.00060
6.03076
6.11576
ns
1,2
Clock Periods Differential Outputs with Spread Spectrum Disabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
Lg-
-SSC
-ppm error
0ppm
+ ppm error
+SSC
Lg+
Absolute
Period
Short-term
Average
Long-Term
Average
Period
Long-Term
Average
Short-term
Average
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Nominal
Maximum
Maximum
Maximum
SRC 100
9.87400
9.99900
10.00000
10.00100
10.17630
ns
1,2
CPU 100
9.91400
9.99900
10.00000
10.00100
10.13630
ns
1,2
CPU 133
7.41425
7.49925
7.50000
7.50075
7.62345
ns
1,2
CPU 166
5.91440
5.99940
6.00000
6.00060
6.11576
ns
1,2
DOT 96
10.16560
10.41560
10.41670
10.41770
10.66770
ns
1,2
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
Measurement Window
Units
Notes
Symbol
Definition
Notes
Symbol
Definition
Measurement Window
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com