Electronic Components Datasheet Search
  English  ▼

X  

CPC6826 Datasheet(PDF) 7 Page - Clare, Inc.

Part # CPC6826
Description  High Voltage EL Lamp Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC6826 Datasheet(HTML) 7 Page - Clare, Inc.

Back Button CPC6826 Datasheet HTML 3Page - Clare, Inc. CPC6826 Datasheet HTML 4Page - Clare, Inc. CPC6826 Datasheet HTML 5Page - Clare, Inc. CPC6826 Datasheet HTML 6Page - Clare, Inc. CPC6826 Datasheet HTML 7Page - Clare, Inc. CPC6826 Datasheet HTML 8Page - Clare, Inc. CPC6826 Datasheet HTML 9Page - Clare, Inc. CPC6826 Datasheet HTML 10Page - Clare, Inc. CPC6826 Datasheet HTML 11Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CPC6826
R00C
www.clare.com
7
3. Typical Application B
Figure 3. Typical Application B Circuit Diagram
3.1 Typical Application B Performance
Figure 4. Typical EL Output Waveform 180Hz
Switch
Osc
Output
Osc
Vref
Vsen
Disable
+
-
Q
Q
Q
Q
1
2
3
4
8
7
6
5
+
_
Enable Signal
1N4148
L
X
CPC6826
V
IN = VDD = 3V
ON = V
DD
OFF = 0
V
IN = VDD
+
EL Lamp
3.0 in2
Operating Voltage: VDD = 1.8V to 4.0V
EL Lamp Size: Up to 3.0 in2
Light Intensity: 19 to 74 Lux
1 LX = Murata LQH43MN561K03
2
1
2 1N4148 or equivalent
Device
Lamp Size
VDD
IDD
VCS
fSW
fEL
Light Intensity
TA
CPC6826
3.0 in2
3.0V
27mA
84V
62KHz
180Hz
58 Lux
-40ºC to +85ºC
CH1: VA=50V/div
CH1: VB=50V/div
M1: VA-VB=40V/div
M1=170VP-P
CH1=84V
CH2=84V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com