Electronic Components Datasheet Search
  English  ▼

X  

CPC6826 Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC6826
Description  High Voltage EL Lamp Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC6826 Datasheet(HTML) 5 Page - Clare, Inc.

  CPC6826 Datasheet HTML 1Page - Clare, Inc. CPC6826 Datasheet HTML 2Page - Clare, Inc. CPC6826 Datasheet HTML 3Page - Clare, Inc. CPC6826 Datasheet HTML 4Page - Clare, Inc. CPC6826 Datasheet HTML 5Page - Clare, Inc. CPC6826 Datasheet HTML 6Page - Clare, Inc. CPC6826 Datasheet HTML 7Page - Clare, Inc. CPC6826 Datasheet HTML 8Page - Clare, Inc. CPC6826 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CPC6826
R00C
www.clare.com
5
2. Typical Application A
Figure 1. Typical Application A Circuit Diagram
2.1 Typical Application A Performance
Figure 2. Typical EL Output Waveform 348Hz
Device
Lamp Size
VIN
IIN
VCS
fSW
fEL
Brightness
TA
CPC6826
1.6 in2
1.5V
26.65mA
56V
79.6KHz
348Hz
Lux 39
-40ºC to +85ºC
Switch
Osc
Output
Osc
Vref
Vsen
Disable
+
-
Q
Q
Q
Q
1
2
3
4
8
7
6
5
+
_
Enable Signal
V
DD
1N4148
L
X
EL Lamp
1.6 in2
CPC6826
V
DD = 3V
ON = V
DD
OFF = 0
V
IN
+
Operating Voltage: VDD = 1.8V to 4.0V
EL Lamp Size: Up to 3.0 in2
Light Intensity: 39 to 135 Lux
1 LX = Murata LQH43MN221K03
2 1N4148 or equivalent
1
2
CH1: VA=50V/div
CH1: VB=50V/div
M1: VA-VB=40V/div
M1=110VP-P
CH1=56V
CH2=56V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com