Electronic Components Datasheet Search
  English  ▼

X  

CPC6826 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC6826
Description  High Voltage EL Lamp Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC6826 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC6826 Datasheet HTML 1Page - Clare, Inc. CPC6826 Datasheet HTML 2Page - Clare, Inc. CPC6826 Datasheet HTML 3Page - Clare, Inc. CPC6826 Datasheet HTML 4Page - Clare, Inc. CPC6826 Datasheet HTML 5Page - Clare, Inc. CPC6826 Datasheet HTML 6Page - Clare, Inc. CPC6826 Datasheet HTML 7Page - Clare, Inc. CPC6826 Datasheet HTML 8Page - Clare, Inc. CPC6826 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DS-CPC6826 - R00C
www.clare.com
1
CPC6826
High Voltage EL Lamp Driver
Features
• 1.8V to 3.5V Supply Voltage
• DC to AC Conversion
• Adjustable Output Frequency
• Adjustable Switch Frequency
• Output Voltage Regulation
• Enable/Disable Function
• Split Power Supply Capability
• < 100nA Shutdown Current
Applications
• Mobile Cellular Phones
• Pagers
• Portable Transceivers
• Remote Control Units
• Calculators
Description
Clare’s CPC6826 is an electroluminescent (EL) lamp
driver that is designed for applications operating with
an input supply voltage range of 1.8V to 3.5V. The
CPC6826 can also be used in a split-supply
configuration, which enables the designer to specify
operation with an input voltage as low as 1.5V.
Only five passive, external components are required:
an inductor, a capacitor, and a diode to complete the
boost switcher circuit; and two resistors to set the
frequency of the two internal oscillators. These few
components and the CPC6826 together generate the
typical 170VP-P AC signal required to drive an EL
lamp.
The configuration of the CPC6826, with designer
access to important components, allows maximum
design flexibility for optimal efficiency and brightness.
Ordering Information
Figure 1. CPC6826 Block Diagram
Part
Description
CPC6826U
MSOP-8
Switch
Osc
Output
Osc
Vref
Vsen
V
DD
L
X
C
S
V
A
V
B
R
SW-osc
GND
R
EL-osc
Disable
+
-
Q
Q
Q
Q
1
2
3
4
8
7
6
5


Similar Part No. - CPC6826

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CPC60AFC SENSORTECHNICS-CPC60AFC Datasheet
83Kb / 6P
Precision compensated pressure sensors / mV-output
CPC60DFC SENSORTECHNICS-CPC60DFC Datasheet
83Kb / 6P
Precision compensated pressure sensors / mV-output
logo
XP Power Limited
CPC60UT1 XPPOWER-CPC60UT1 Datasheet
963Kb / 4P
Triple Output Switchers
CPC60UT2 XPPOWER-CPC60UT2 Datasheet
963Kb / 4P
Triple Output Switchers
More results

Similar Description - CPC6826

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
High Voltage EL Lamp Driver
HV826 SUTEX-HV826 Datasheet
334Kb / 6P
High Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
HIGH-VOLTAGE EL LAMP DRIVER
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
High-Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com