Electronic Components Datasheet Search
  English  ▼

X  

CPC6826 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC6826
Description  High Voltage EL Lamp Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC6826 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC6826 Datasheet HTML 1Page - Clare, Inc. CPC6826 Datasheet HTML 2Page - Clare, Inc. CPC6826 Datasheet HTML 3Page - Clare, Inc. CPC6826 Datasheet HTML 4Page - Clare, Inc. CPC6826 Datasheet HTML 5Page - Clare, Inc. CPC6826 Datasheet HTML 6Page - Clare, Inc. CPC6826 Datasheet HTML 7Page - Clare, Inc. CPC6826 Datasheet HTML 8Page - Clare, Inc. CPC6826 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CPC6826
4
www.clare.com
R00C
1.5 Electrical Characteristics
1.6 Enable/Disable Specifications
Parameter
Conditions
Symbol
Min
Typ
Max
Units
DC Characteristics (Over recommended operating conditions unless otherwise specified, TA=25ºC)
On-Resistance of Switching Transistor
I=100mA
RDS(on)
--
6
Ω
Output Regulation Voltage
VDD=1.8V to 3.5V
VCS
80
85
90
V
Output Voltage Across Lamp
VDD=1.8V to 3.5V
VA-B
-170
-
V
Supply Current
Quiescent
RSW-osc= Low
IDDQ
--
100
nA
Active
VDD=1.8V to 3.5V (Fig. 1)
IDD
--
200
μA
Electrical Characteristics - Typical Split-Supply Application Circuit (Figure 1)
Inductor Current
IIN
-
26.65
45
mA
Output Voltage
VCS
-56-
V
Switcher Frequency
VIN=1.5V (Fig. 1)
fSW
-
79.6
-
kHz
Switcher Duty Cycle
D
-
88
-
%
Output Drive Frequency
fEL
300
348
450
Hz
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Disable
VDD=1.8V to 3.5V
ENL
0-
0.5
V
Enable
ENH
VDD-0.5
-
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com