Electronic Components Datasheet Search
  English  ▼

X  

TLE8201R Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 22Page - Infineon Technologies AG TLE8201R Datasheet HTML 23Page - Infineon Technologies AG TLE8201R Datasheet HTML 24Page - Infineon Technologies AG TLE8201R Datasheet HTML 25Page - Infineon Technologies AG TLE8201R Datasheet HTML 26Page - Infineon Technologies AG TLE8201R Datasheet HTML 27Page - Infineon Technologies AG TLE8201R Datasheet HTML 28Page - Infineon Technologies AG TLE8201R Datasheet HTML 29Page - Infineon Technologies AG TLE8201R Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
TLE 8201R
Data Sheet Rev. 2.0
26
2006-06-07
4.4.1.3
Open Load
Open-load detection in ON-state is implemented in the low-side switches of the bridge
outputs: When the current through the low side transistor is lower than the reference
current
I
OCD in ON-state for longer than the open-load detection delay time tdOC, the
according open-load diagnosis bit is set. The output transistor, however, remains ON.
The open load error bit is latched and can be reset by the SPI status register reset or by
a power-on reset.
As an example, if a motor is connected between outputs OUT 1 and OUT 2 with a broken
wire as shown in Figure 10, the resulting diagnostic information is shown in Table 5
Figure 10
Open load example
Table 5
Open load diagnosis example
Control
Diagnostic information
motor
connected
motor
disconnected
Remark on Open
Load Detection
LS1
ON
HS1
ON
LS2
ON
HS2
ON
motor
rotation
LS1
OpL
LS2
OpL
LS1
OpL
LS2
OpL
0
000motor off
0
0
0
0
not detectable
1
001clock-wise 0
0
1
0
detected
0
110counter
clock-wise
0
0
0
1
detected
0
101brake high 0
0
0
0
not detectable
1
010brake low
1
1
1
1
not detectable.
Door
Lock
OUT 1
OUT 2
HS1
LS1
HS2
LS2
Open Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com