Electronic Components Datasheet Search
  English  ▼

X  

TLE8201R Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 23Page - Infineon Technologies AG TLE8201R Datasheet HTML 24Page - Infineon Technologies AG TLE8201R Datasheet HTML 25Page - Infineon Technologies AG TLE8201R Datasheet HTML 26Page - Infineon Technologies AG TLE8201R Datasheet HTML 27Page - Infineon Technologies AG TLE8201R Datasheet HTML 28Page - Infineon Technologies AG TLE8201R Datasheet HTML 29Page - Infineon Technologies AG TLE8201R Datasheet HTML 30Page - Infineon Technologies AG TLE8201R Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
TLE 8201R
Data Sheet Rev. 2.0
27
2006-06-07
4.4.2
Electrical Characteristics
Electrical Characteristics OUT 1 and 2 (driver for door latch)
8 V <
V
S < 20 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open;
-40
°C < T
j < 150 °C; unless otherwise specified
Pos. Parameter
Sym-
bol
Limit Values
Unit Conditions
min.
typ.
max.
Static Drain-source ON-Resistance
4.4.1
High- and low-side switch
R
DSON12
–
–
150
m
Ω
I
OUT = 3 A;
T
j = 25 °C
–
–
260
m
Ω
I
OUT = 3 A
Switching Times
4.4.2
high-side ON delay-time
t
dONH12
–
50
100
µs
V
S = 14 V,
resistive load of
10
Ω, see
Figure 11 and
Figure 12
4.4.3
high-side OFF delay time
t
dOFFH12
–25
50
µs
4.4.4
low-side ON delay-time
t
dONL12
–
50
100
µs
4.4.5
low-side OFF delay time
t
dOFFL12
–25
50
µs
4.4.6
dead-time H to L
t
DHL12
3–
–
µs
t
dONL12 -
t
dOFFH12
4.4.7
dead-time L to H
t
DLH12
3–
–
µs
t
dONH12 -
t
dOFFL12
Short Circuit Protection
4.4.8
Over-current shutdown
threshold
I
SD12
8
–
15
A
high- and low-
side
4.4.9
Shutdown delay time
t
dSD12
10
25
50
µs
4.4.10 Short circuit current1)
1) Not subject to production test - specified by design
I
SC12
–20
–
A
Open Load Detection
4.4.11 Detection current
I
OCD12
40
–
200
mA
low-side
4.4.12 Delay time
t
dOC12
200
350
600
µs
Leakage Current
4.4.13 OFF-state output current
I
QL
––
25
µA
V
OUT = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com