Electronic Components Datasheet Search
  English  ▼

X  

TLE8201R Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 6Page - Infineon Technologies AG TLE8201R Datasheet HTML 7Page - Infineon Technologies AG TLE8201R Datasheet HTML 8Page - Infineon Technologies AG TLE8201R Datasheet HTML 9Page - Infineon Technologies AG TLE8201R Datasheet HTML 10Page - Infineon Technologies AG TLE8201R Datasheet HTML 11Page - Infineon Technologies AG TLE8201R Datasheet HTML 12Page - Infineon Technologies AG TLE8201R Datasheet HTML 13Page - Infineon Technologies AG TLE8201R Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
TLE 8201R
Block Description and Electrical Characteristics
Data Sheet Rev. 2.0
10
2006-06-07
4.1.3
Quiescent current
I
S
–2.5
5
µAINH = L,
V
S = 14 V,
V
OUT7-11 = 0V;
T
j < 85 °C
4.1.4
Logic quiescent current
I
CC
–0.2
1
µA
4.1.5
Total quiescent current
I
S + Icc –3
6
µA
Charge Pump-output for Reverse-Polarity Protection FET (GO)
4.1.6
Gate-Voltage
V
GO -
V
S
5–
8V
I
GO = 50 µA
4.1.7
Setup-time
t
GO
––
1ms
–
4.1.8
Reverse leakage current
I
lkGO
––
5
µA
V
S = 0 V
V
GO = -14 V
Electrical Characteristics
8 V <
V
S < 20 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open;
-40
°C < T
j < 150 °C; unless otherwise specified
Pos.
Parameter
Sym-
bol
Limit Values
Unit Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com