Electronic Components Datasheet Search
  English  ▼

X  

TLE8201R Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 26Page - Infineon Technologies AG TLE8201R Datasheet HTML 27Page - Infineon Technologies AG TLE8201R Datasheet HTML 28Page - Infineon Technologies AG TLE8201R Datasheet HTML 29Page - Infineon Technologies AG TLE8201R Datasheet HTML 30Page - Infineon Technologies AG TLE8201R Datasheet HTML 31Page - Infineon Technologies AG TLE8201R Datasheet HTML 32Page - Infineon Technologies AG TLE8201R Datasheet HTML 33Page - Infineon Technologies AG TLE8201R Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
TLE 8201R
Data Sheet Rev. 2.0
30
2006-06-07
Figure 11
Timing bridge outputs high to low
Figure 12
Timing bridge outputs low to high
t
dOFFH
OUTx
10%
CSN
90%
OUTx
t
dONL
t
DHL
OFF
ON -> OFF
OFF
OFF -> ON
high-side OFF
delay time
low-side ON
delay time
t
dOFFL
OUTx
10%
CSN
90%
OUTx
t
dONH
t
DLH
OFF
OFF -> ON
OFF
ON -> OFF
low-side OFF
delay time
high-side ON
delay time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com