Electronic Components Datasheet Search
  English  ▼

X  

EM68932DVKB Datasheet(PDF) 17 Page - Etron Technology, Inc.

Part # EM68932DVKB
Description  4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68932DVKB Datasheet(HTML) 17 Page - Etron Technology, Inc.

Back Button EM68932DVKB Datasheet HTML 13Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 14Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 15Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 16Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 17Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 18Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 19Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 20Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 21Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
EtronTech
EM68932DVKB
Etron Confidential
17
Rev. 1.0
Aug. 2009
2. Driver Strength should be selected based on actual system loading conditions. Figure 3, the AC Output
Load Circuit, represents the reference load used in defining the relevant timing parameters of this
device.The 20pF load capacitance is not expected to be a precise representation of either a typical system
load or the production test environment but is appropriate for Full Driver Strength. Setting the output drivers
to 1/2 Driver Strength, for a further example, is appropriate for a 10pF load.
3. The specific requirement is that DQS be Valid (High or Low) on or before this CK edge. The case shown
(DQS going from High-Z to logic Low) applies when no writes were previously in progress on the bus. If a
previous write was in progress, DQS could be High at this time, depending on tDQSS.
4. Table 14. I/O Setup / Hold Slew Rate Derating
I/O Setup/Hold Slew Rate (V/ns)
△
tDS (ps)
△
tDH (ps)
1.0
0
0
0.8
+75
+75
0.6
+150
+150
This derating table is used to increase tDS / tDH in the case where the I/O slew rate is below 1.0V/ns
5. Table 15. I/O Delta Rise / Fall Derating
I/O Delta Rise / Fall Rate (ns/V)
△
tDS (ps)
△
tDH (ps)
1.0
0
0
±0.25
+50
+50
±0.50
+100
+100
This derating table is used to increase tDS/tDH in the case where the DQ and DQS slew rates differ. The Delta
Rise / Fall Rate is calculated as 1/SlewRate1-1/SlewRate2. For example, if SlewRate1 = 1.0V/ns and
SlewRate2 = 0.8V/ns, then the Delta Rise / Fall Rate = -0.25ns/V.
6. There must be at least one clock (CK) pulse during the tXP period.
7. tWTR is referenced from the positive clock edge after the last Data In pair.
8. tWR is referenced from the positive clock edge after the last desired Data In pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com