Electronic Components Datasheet Search
  English  ▼

X  

MXT224 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # MXT224
Description  maXTouch 224-channel Touchscreen Sensor IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MXT224 Datasheet(HTML) 1 Page - ATMEL Corporation

  MXT224 Datasheet HTML 1Page - ATMEL Corporation MXT224 Datasheet HTML 2Page - ATMEL Corporation MXT224 Datasheet HTML 3Page - ATMEL Corporation MXT224 Datasheet HTML 4Page - ATMEL Corporation MXT224 Datasheet HTML 5Page - ATMEL Corporation MXT224 Datasheet HTML 6Page - ATMEL Corporation MXT224 Datasheet HTML 7Page - ATMEL Corporation MXT224 Datasheet HTML 8Page - ATMEL Corporation MXT224 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Note: This is a summary document.
A complete document is available
under NDA. For more information
contact www.atmel.com/touchscreen.
Features
• maXTouch™ Touchscreen
– True 12-bit multi-touch with independent XY tracking for up to 10 concurrent
touches in real time with touch size reporting
– Up to 4.3 inch diagonal screen size supported with 10 mm “pinch” separation
– Up to 10.1 inch support with correspondingly wider “pinch”
• Number of Channels
– Up to 224 (subject to other configuration limitations)
– Electrode grid configurations up to 20 X by 10 Y lines supported (subject to 30
total pins and a maximum of 14 Y lines)
• maXTouch Touch Key Support
– Up to 32 channels can be allocated as fixed keys (subject to other configurations)
• Zero Additional Part Count
– 16 X by 14 Y matrix (224 channels) implementable with power bypass capacitors only
• Signal Processing
– Advanced digital filtering using both hardware engine and firmware
– Self-calibration
– Auto drift compensation
– Adjacent Key Suppression® (AKS™) technology
– Grip and face suppression
– Reports one-touch and two-touch gestures
– Down-scaling and clipping support to match LCD resolution
– Ultra-fast start-up and calibration for best user experience
– Supports axis flipping and axis switch-over for portrait and landscape modes
• Scan Speed
– Maximum single touch >250Hz, subject to configuration
– Configurable to allow power/speed optimization
– Programmable timeout for automatic transition from active to idle states
• Response Times
– Initial latency <10 ms for first touch from idle, subject to configuration
• Sensors
– Works with PET or glass sensors
– Works with all proprietary sensor patterns recommended by Atmel®
– Works with passive stylus
• Panel Thickness
– Glass up to 3 mm, screen size dependent
– Plastic up to 1.5 mm, screen size dependent
• Interface
–I2C-compatible slave mode 400 kHz
• Dual-rail Power
– Interface 1.8V to 3.3V nominal, analog 2.7V to 3.3V nominal
• Power Consumption
– Idle 80Hz: <1.8 mW, subject to configuration
– One Touch Active 80Hz: 3.9 mW, subject to configuration
– Sleep: 4.5 µW
• Package
– 49-ball UFBGA 5 x 5 x 0.6 mm, 0.65 ball pitch
– 49-ball VFBGA 5 x 5 x 1 mm, 0.65 ball pitch
– 48-pin QFN 6 x 6 x 0.6 mm, 0.4 mm pin pitch
maXTouch™
224-channel
Touchscreen
Sensor IC
mXT224
Summary
9530BS–AT42–10/09


Similar Part No. - MXT224

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MXT2 MERITEK-MXT2 Datasheet
444Kb / 3P
32.768 Crystal Unit 2.0 x 1.2mm KHz Tuning Fork
Rev.3c 03/15/24
logo
List of Unclassifed Man...
MXT211 ETC-MXT211 Datasheet
504Kb / 7P
Two-phase DC brushless motor drive circuit
logo
Schurter Inc.
MXT250 SCHURTER-MXT250 Datasheet
354Kb / 3P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250 Datasheet
386Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250 Datasheet
394Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
More results

Similar Description - MXT224

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6P20 HOLTEK-HT6P20 Datasheet
118Kb / 9P
224 OTP Encoder
May 2, 2000
logo
Microchip Technology
MXT1664T3 MICROCHIP-MXT1664T3 Datasheet
1Mb / 98P
maXTouch 1664-node Touchscreen Controller
2018
MXT2912TD-AXUW MICROCHIP-MXT2912TD-AXUW Datasheet
136Kb / 12P
maXTouch 2911-node Touchscreen Controller Product Brief
Revision A March 2021
MXT448UD-CCUBHA1 MICROCHIP-MXT448UD-CCUBHA1 Datasheet
655Kb / 76P
maXTouch 448-node Touchscreen Controller
Rev A September 2021
MXT640UD-CCU001 MICROCHIP-MXT640UD-CCU001 Datasheet
600Kb / 74P
maXTouch 640-node Touchscreen Controller
Revision A June 2021
MXT640UD-CCUBHA1 MICROCHIP-MXT640UD-CCUBHA1 Datasheet
654Kb / 76P
maXTouch 640-node Touchscreen Controller
Rev A September 2021
MXT641TD-AT MICROCHIP-MXT641TD-AT Datasheet
161Kb / 8P
maXTouch 640-node Touchscreen Controller Product Brief
Rev A August 2017
logo
NXP Semiconductors
NT2H2421G0 NXP-NT2H2421G0 Datasheet
583Kb / 61P
NTAG 224 DNA - NFC T2T compliant IC
Rev. 3.0-18 February 2022
NT2H2421G0 NXP-NT2H2421G0_V01 Datasheet
555Kb / 59P
NTAG 224 DNA - NFC T2T compliant IC
Rev. 3.1 - 5 April 2023
NT2H2421G0 NXP-NT2H2421G0_V02 Datasheet
557Kb / 59P
NTAG 224 DNA - NFC T2T compliant IC
Rev. 3.2 - 19 October 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com