Electronic Components Datasheet Search
  English  ▼

X  

MXT224 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # MXT224
Description  maXTouch 224-channel Touchscreen Sensor IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MXT224 Datasheet(HTML) 3 Page - ATMEL Corporation

  MXT224 Datasheet HTML 1Page - ATMEL Corporation MXT224 Datasheet HTML 2Page - ATMEL Corporation MXT224 Datasheet HTML 3Page - ATMEL Corporation MXT224 Datasheet HTML 4Page - ATMEL Corporation MXT224 Datasheet HTML 5Page - ATMEL Corporation MXT224 Datasheet HTML 6Page - ATMEL Corporation MXT224 Datasheet HTML 7Page - ATMEL Corporation MXT224 Datasheet HTML 8Page - ATMEL Corporation MXT224 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
9530BS–AT42–10/09
mXT224
1.2
Pinout Descriptions
1.2.1
49-ball UFBGA/VFBGA
Table 1-1.
Pin Listing
Ball
Name
Type
Comments
If Unused, Connect To...
A1
AVDD
P
Analog power
–
A2
Y12
I/O
Y line connection or X line in extended mode
Leave open
A3
Y10
I/O
Y line connection or X line in extended mode
Leave open
A4
Y8
I
Y line connection
Leave open
A5
Y6
I
Y line connection
Leave open
A6
Y4
I
Y line connection
Leave open
A7
Y2
I
Y line connection
Leave open
B1
X8
O
X matrix drive line
Leave open
B2
GND
P
Ground
–
B3
Y11
I/O
Y line connection or X line in extended mode
Leave open
B4
Y9
I
Y line connection
Leave open
B5
Y5
I
Y line connection
Leave open
B6
Y1
I
Y line connection
Leave open
B7
Y0
I
Y line connection
Leave open
C1
X10
O
X matrix drive line
Leave open
C2
X9
O
X matrix drive line
Leave open
C3
Y13
I/O
Y line connection or X line in extended mode
Leave open
C4
Y7
I
Y line connection
Leave open
C5
Y3
I
Y line connection
Leave open
C6
GND
P
Ground
–
C7
AVDD
P
Analog power
–
D1
X12
O
X matrix drive line
Leave open
D2
X13
O
X matrix drive line
Leave open
D3
X11
O
X matrix drive line
Leave open
D4
GND
P
Ground
–
D5
X7
O
X matrix drive line
Leave open
D6
X5
O
X matrix drive line
Leave open
D7
X6
O
X matrix drive line
Leave open
E1
X14
O
X matrix drive line
Leave open
E2
X15
O
X matrix drive line
Leave open
E3
RESET
I
Reset low; has internal 30 k
 to 60 k pull-up resistor
Leave open or Vdd
E4
GPIO1
I/O
General purpose I/O
Input: GND
Output: leave open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com