Electronic Components Datasheet Search
  English  ▼

X  

MXT224 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # MXT224
Description  maXTouch 224-channel Touchscreen Sensor IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MXT224 Datasheet(HTML) 5 Page - ATMEL Corporation

  MXT224 Datasheet HTML 1Page - ATMEL Corporation MXT224 Datasheet HTML 2Page - ATMEL Corporation MXT224 Datasheet HTML 3Page - ATMEL Corporation MXT224 Datasheet HTML 4Page - ATMEL Corporation MXT224 Datasheet HTML 5Page - ATMEL Corporation MXT224 Datasheet HTML 6Page - ATMEL Corporation MXT224 Datasheet HTML 7Page - ATMEL Corporation MXT224 Datasheet HTML 8Page - ATMEL Corporation MXT224 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
9530BS–AT42–10/09
mXT224
1.2.2
48-pin QFN
Table 1-2.
Pin Listing
Pin
Name
Type
Comments
If Unused, Connect To...
1
Y13
I/O
Y line connection or X line in extended mode
Leave open
2
GND
P
Ground
–
3
AVDD
P
Analog power
–
4
X8
O
X matrix drive line
Leave open
5
X9
O
X matrix drive line
Leave open
6
X10
O
X matrix drive line
Leave open
7
X11
O
X matrix drive line
Leave open
8
X12
O
X matrix drive line
Leave open
9
X13
O
X matrix drive line
Leave open
10
X14
O
X matrix drive line
Leave open
11
X15
O
X matrix drive line
Leave open
12
GND
P
Ground
–
13
VDD
P
Digital power
–
14
RESET
I
Reset low; has internal 30 k
 to 60 k pull-up resistor
Leave open or Vdd
15
N/C
–
No connection
Leave open
16
SDA
OD
Serial Interface Data
–
17
SCL
OD
Serial Interface Clock
–
18
GPIO0/
SYNC
I/O
General purpose I/O
External synchronization
Input: GND
Output: leave open
19
GPIO1
I/O
General purpose I/O
Input: GND
Output: leave open
20
VDD
P
Digital power
–
21
GPIO2/
SCK
I/O
General purpose I/O /
Debug clock
Input: GND
Output: leave open
22
GPIO3/
MOSI
I/O
General purpose I/O /
Debug data
Input: GND
Output: leave open
23
ADDR_SEL
I
I2C-compatible address select
–
24
CHG
OD
State change interrupt
–
25
GND
P
Ground
–
26
X0
O
X matrix drive line
Leave open
27
X1
O
X matrix drive line
Leave open
28
X2
O
X matrix drive line
Leave open
29
X3
O
X matrix drive line
Leave open
30
X4
O
X matrix drive line
Leave open
31
X5
O
X matrix drive line
Leave open
32
X6
O
X matrix drive line
Leave open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com