Electronic Components Datasheet Search
  English  ▼

X  

MXT224 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # MXT224
Description  maXTouch 224-channel Touchscreen Sensor IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MXT224 Datasheet(HTML) 4 Page - ATMEL Corporation

  MXT224 Datasheet HTML 1Page - ATMEL Corporation MXT224 Datasheet HTML 2Page - ATMEL Corporation MXT224 Datasheet HTML 3Page - ATMEL Corporation MXT224 Datasheet HTML 4Page - ATMEL Corporation MXT224 Datasheet HTML 5Page - ATMEL Corporation MXT224 Datasheet HTML 6Page - ATMEL Corporation MXT224 Datasheet HTML 7Page - ATMEL Corporation MXT224 Datasheet HTML 8Page - ATMEL Corporation MXT224 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
9530BS–AT42–10/09
mXT224
E5
X1
O
X matrix drive line
Leave open
E6
X3
O
X matrix drive line
Leave open
E7
X4
O
X matrix drive line
Leave open
F1
VDD
P
Digital power
–
F2
GND
P
Ground
–
F3
SCL
OD
Serial Interface Clock
–
F4
GPIO3/
MOSI
I/O
General purpose I/O /
Debug data
Input: GND
Output: leave open
F5
GND
P
Ground
–
F6
CHG
OD
State change interrupt
–
F7
X2
O
X matrix drive line
Leave open
G1
N/C
–
No connection
Leave open
G2
SDA
OD
Serial Interface Data
–
G3
GPIO0/
SYNC
I/O
General purpose I/O
External synchronization
Input: GND
Output: leave open
G4
GPIO2/
SCK
I/O
General purpose I/O /
Debug clock
Input: GND
Output: leave open
G5
VDD
P
Digital power
–
G6
ADDR_SEL
I
I2C-compatible address select
–
G7
X0
O
X matrix drive line
Leave open
I
Input only
O
Output only, push-pull
P
Ground or power
I/O
Input and output
OD
Open drain output
Table 1-1.
Pin Listing (Continued)
Ball
Name
Type
Comments
If Unused, Connect To...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com