Electronic Components Datasheet Search
  English  ▼

X  

AT32AP7002 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT32AP7002
Description  AVR 32 32-bit Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32AP7002 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT32AP7002_09 Datasheet HTML 17Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 18Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 19Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 20Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 21Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 22Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 23Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 24Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
21
32054FS–AVR32–09/09
AT32AP7002
7.2
Interrupt Request Signal Map
The various modules may output interrupt request signals. These signals are routed to the Inter-
rupt Controller (INTC). The Interrupt Controller supports up to 64 groups of interrupt requests.
Each group can have up to 32 interrupt request signals. All interrupt signals in the same group
share the same autovector address and priority level. Refer to the documentation for the individ-
ual submodules for a description of the semantic of the different interrupt requests.
The interrupt request signals in AT32AP7002 are connected to the INTC as follows:
Table 7-2.
Interrupt Request Signal Map
Group
Line
Signal
0
0
COUNT-COMPARE match
1
Performance Counter Overflow
1
0
LCDC EOF
1
LCDC LN
2
LCDC LSTLN
3
LCDC MER
4
LCDC OWR
5
LCDC UFLW
2
0
DMACA BLOCK
1
DMACA DSTT
2DMACA ERR
3
DMACA SRCT
4DMACA TFR
3
0
SPI 0
4
0
SPI 1
50
TWI
6
0
USART0
7
0
USART1
8
0
USART2
9
0
USART3
10
0
SSC0
11
0
SSC1
12
0
SSC2
13
0
PIOA
14
0
PIOB
15
0
PIOC
16
0
PIOD
17
0
PIOE
18
0
PSIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52