Electronic Components Datasheet Search
  English  ▼

X  

AT32AP7002 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT32AP7002
Description  AVR 32 32-bit Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32AP7002 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT32AP7002_09 Datasheet HTML 1Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 2Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 3Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 4Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 5Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 6Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 7Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 8Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
4
32054FS–AVR32–09/09
AT32AP7002
2.
Blockdiagram
Figure 2-1.
Blockdiagram
DATA[11..0]
HSYNC
VSYNC
PCLK
AP CPU
NEXUS
CLASS 3
OCD
INSTR
CACHE
DATA
CACHE
TIMER/COUNTER 0/1
INTERRUPT
CONTROLLER
REAL TIME
COUNTER
PERIPHERAL
DMA
CONTROLLER
INTRAM0
INTRAM1
HSB-PB
BRIDGE
B
HSB-PB
BRIDGE A
S
M
M
M
S
S
S
M
EXTERNAL
INTERRUPT
CONTROLLER
HIGH SPEED
BUS MATRIX
PIXEL COPROCESSOR
RESET_N
PA
PB
PC
PD
PE
A[2..0]
B[2..0]
CLK[2..0]
EXTINT[7..0]
KPS[7..0]
NMI_N
GCLK[3..0]
XIN32
XOUT32
XIN0
XOUT0
PA
PB
PC
PD
PE
NCS[5,4,2]
CFRNW,
CFCE1,
CFCE2,
ADDR[23..25]
NWAIT
DATA[15..0]
USB
INTERFACE
DMA
D-
D+
32 KHz
OSC
OSC0
PLL0
PS2 INTERFACE
SERIAL
PERIPHERAL
INTERFACE 0/1
TWO-WIRE
INTERFACE
MISO, MOSI
NPCS[3..1]
SCL
SDA
USART0
USART1
USART2
USART3
RXD
TXD
CLK
RTS, CTS
SYNCHRONOUS
SERIAL
CONTROLLER 0/1/2
TX_CLOCK, TX_FRAME_SYNC
RX_DATA
TX_DATA
RX_CLOCK, RX_FRAME_SYNC
WATCHDOG
TIMER
XIN1
XOUT1
OSC1
PLL1
SCK
JTAG
INTERFACE
MCKO
MDO[5..0]
MSEO[1..0]
EVTI_N
EVTO_N
TCK
TDO
TDI
TMS
POWER
MANAGER
RESET
CONTROLLER
SLEEP
CONTROLLER
CLOCK
CONTROLLER
CLOCK
GENERATOR
CONFIGURATION
REGISTERS BUS
MEMORY MANAGEMENT UNIT
PB
PB
HSB
HS
B
NPCS0
M
S
CLOCK[1..0]
DATA[1..0]
HSB-HSB BRIDGE
TRST_N
DATA[31..16]
OSCEN_N
PLL0
PLL1
DMA CONTROLLER
S
M
M
AUDIO BITSTREAM
DAC
MULTIMEDIA CARD
INTERFACE
AC97 CONTROLLER
SCLK
SDI
SSYNC
SDO
CLK
CMD
DATA[7..0]
DATA0
DATA1
DATA0N
DATA1N
PULSE WIDTH
MODULATION
CONTROLLER
PWM0
PWM1
PWM2
PWM3
IMAGE
SENSOR
INTERFACE
M
LCD
CONTRO
LLER
DMA
M
S
VSYNC,
HSYNC,
PWR,
PCLK,
MODE,
DVAL,
CC,
DATA[22..0],
GPL[7..0]
RAS,
CAS,
SDWE,
NANDOE,
NANDWE,
SDCK,
SDCKE,
NWE3,
NWE1,
NWE0,
NRD,
NCS[3,1,0],
ADDR[22..0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com