Electronic Components Datasheet Search
  English  ▼

X  

AT32AP7002 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT32AP7002
Description  AVR 32 32-bit Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32AP7002 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT32AP7002_09 Datasheet HTML 43Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 44Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 45Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 46Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 47Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 48Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 49Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 50Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
47
32054FS–AVR32–09/09
AT32AP7002
11. Datasheet Revision History
Please note that the referring page numbers in this section are referred to this document. The
referring revision in this section are referring to the document revision.
11.1
Rev. F 09/09
11.2
Rev. E 09/09
11.3
Rev. D 09/07
1.
Updated“Errata” .
1.
Updated “Errata” .
1.
PIO Controller C Multiplexing table updated in ”Peripherals” on page 75“.
2.
Added section ”USBA” on page 81 in Clock Connections in ”Peripherals” on page 75.
3.
USBA feature list updated in ”Peripherals” on page 75.
4.
Renamed clk_slow to clk_osc32 in Table 9-4 on page 80.
5
Updated organisation of User Interface in ”HSB Bus Matrix (HMATRIX)” on page 142.
6.
Updated special bus granting mechanism in ”HSB Bus Matrix (HMATRIX)” on page 142.
7.
Added product dependencies in ”DMA Controller (DMACA)” on page 174.
8.
Added product dependencies in ”Peripheral DMA Controller (PDC)” on page 233.
9.
Added description of multi-drive in ”Parallel Input/Output Controller (PIO)” on page 249.
10
Added MDER/MDDR/MDSR to pin logic diagram in ”Parallel Input/Output Controller (PIO)” on
page 249.
11.
SPI pins must be enabled to use local loopback.
12.
Updated description of the OVRES bit in ”SPI Status Register” on page 310.
13.
Updated bit description of TXEMPTY in the ”USART Channel Status Register” on page 432.
14.
Number of chip select lines updatedin figures and tables, changed from 8 to 6 in ”Static
Memory Controller (SMC)” on page 489.
15.
Made the MDR register Read/Write instead of Read in ”SDRAM Controller (SDRAMC)” on
page 532.
16.
Removed the PWSEN and PWSDIS bits from the ”MCI Control Register” on page 585.
17.
Added PDCFBYTE and removed the PWSDIV bits from the ”MCI Mode Register” on page 586.
18.
Added note about reading the Status Register clears the interrupt flag in ”Timer/Counter (TC)”
on page 740.
19.
Added debug operation to product dependencies in ”Timer/Counter (TC)” on page 740.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com