| Electronic Components Datasheet Search |
|
AT32AP7002 Datasheet(PDF) 5 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT32AP7002 Datasheet(HTML) 5 Page - ATMEL Corporation |
|
5 / 52 page ![]() 5 32054FS–AVR32–09/09 AT32AP7002 2.0.1 AVR32AP CPU • 32-bit load/store AVR32B RISC architecture. – Up to 15 general-purpose 32-bit registers. – 32-bit Stack Pointer, Program Counter and Link Register reside in register file. – Fully orthogonal instruction set. – Privileged and unprivileged modes enabling efficient and secure Operating Systems. – Innovative instruction set together with variable instruction length ensuring industry leading code density. – DSP extention with saturating arithmetic, and a wide variety of multiply instructions. – SIMD extention for media applications. • 7 stage pipeline allows one instruction per clock cycle for most instructions. – Java Hardware Acceleration. – Byte, half-word, word and double word memory access. – Unaligned memory access. – Shadowed interrupt context for INT3 and multiple interrupt priority levels. – Dynamic branch prediction and return address stack for fast change-of-flow. – Coprocessor interface. • Full MMU allows for operating systems with memory protection. • 16Kbyte Instruction and 16Kbyte data caches. – Virtually indexed, physically tagged. – 4-way associative. – Write-through or write-back. • Nexus Class 3 On-Chip Debug system. – Low-cost NanoTrace supported. 2.0.2 Pixel Coprocessor (PICO) • Coprocessor coupled to the AVR32 CPU Core through the TCB Bus. – Coprocessor number one on the TCB bus. • Three parallel Vector Multiplication Units (VMU) where each unit can: – Multiply three pixel components with three coefficients. – Add the products from the multiplications together. – Accumulate the result or add an offset to the sum of the products. • Can be used for accelerating: – Image Color Space Conversion. •Configurable Conversion Coefficients. • Supports packed and planar input and output formats. • Supports subsampled input color spaces (i.e 4:2:2, 4:2:0). – Image filtering/scaling. • Configurable Filter Coefficients. • Throughput of one sample per cycle for a 9-tap FIR filter. • Can use the built-in accumulator to extend the FIR filter to more than 9-taps. • Can be used for bilinear/bicubic interpolations. – MPEG-4/H.264 Quarter Pixel Motion Compensation. • Flexible input Pixel Selector. – Can operate on numerous different image storage formats. • Flexible Output Pixel Inserter. – Scales and saturates the results back to 8-bit pixel values. – Supports packed and planar output formats. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |