Electronic Components Datasheet Search
  English  ▼

X  

MIC3232YMM Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC3232YMM
Description  Constant Current Boost Controller for Driving High Power LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3232YMM Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC3232YMM Datasheet HTML 4Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 5Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 6Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 7Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 8Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 9Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 10Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 11Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Micrel, Inc.
MIC3230/1/2
January 2009
8
M9999-011409-A
Functional Description
A constant output current converter is the preferred
method for driving LEDs. Small variations in current have
a minimal effect on the light output, whereas small
variations in voltage have a significant impact on light
output. The MIC323x family of LED drivers are specifically
designed to operate as constant current LED Drivers and
the typical application schematic is shown in Figure 1.
The MIC323x family are designed to operate as a boost
controller, where the output voltage is greater than the
input voltage. This configuration allows for the design of
multiple LEDs in series to help maintain color and
brightness. The MIC323x family can also be configured as
a SEPIC controller, where the output voltage can be either
above or below the input voltage.
The MIC3230/1/2 have a very wide input voltage range,
between 6V and 45V, to help accommodate for a diverse
range of input voltage applications. In addition, the LED
current can be programmed to a wide range of values
through the use of an external resistor. This provides
design flexibility in adjusting the current for a particular
application need.
The MIC3230/1/2 features a low impedance gate driver
capable of switching large MOSFETs.
This low
impedance helps provide higher operating efficiency.
The MIC323x family can control the brightness of the
LEDs via its PWM dimming capability. Applying a PWM
signal (up to 500Hz) to the PWMD pin allows for control of
the brightness of the LED.
Each member of the MIC323x family employs peak current
mode control.
Peak current mode control offers
advantages over voltage mode control in the following
manner. Current mode control can achieve a superior line
transient performance compared to voltage mode control
and through small signal analysis (not shown here),
current mode control is easier to compensate than voltage
mode control, thus allowing for a less complex control loop
stability design. Figure 2 shows the functional block
diagram.
Control
RSLC
RCS
VDD
OVP PWMD
GND
Q1
C5
L1
IS
S
R
Q
Clock Out
VRAMP Out
SYNC
SYNC
FS
IADJ
RADJ
EN
LDO
VIN
Internal VBIAS
VDD
FS
VC
VS
10k
0.25V
Ai
Ai = 1.4V
VRAMP IN
ISLOPE COMP OUT
ISLOPE COMP
Leading Edge
Blanking
0.45V
T
T
250µa/T
VOUT
COMP
VIN
LED
LED
DRV
VOUT
Figure 2. MIC3230 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com