Electronic Components Datasheet Search
  English  ▼

X  

MIC3232YMM Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC3232YMM
Description  Constant Current Boost Controller for Driving High Power LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3232YMM Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC3232YMM Datasheet HTML 11Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 12Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 13Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 14Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 15Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 16Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 17Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 18Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Micrel, Inc.
MIC3230/1/2
January 2009
15
M9999-011409-A
and for RSLC. If
is too high than use a higher
value for RCS. The calculated value of RCS for a 1.9A
current limit was 179mΩ.
In this example, we have
chosen a lower value which results in a higher current
limit. If we use a higher standard value the current limit
will have a lower value. The designer does not have the
same choices for small valued resistors as with larger
valued resistors. The choices differ from resistor
manufacturers. If too large a current sense resistor is
selected, the maximum output power may not be able to
be achieved at low input line voltage levels. Make sure
the inductor will not saturate at the actual current limit
.
Limit
actual
in
I _
()
A
511
78
.
0
Ω
×
×
Limit
actual
in
I _
V
PIN
IS
250
_
=
Perform a check at IIN=2.34Apk.
V
m
A
45
.
0
150
34
.
2
=
Ω
×
+
μ
Maximum Power dissipated in RCS is;
Eq. (17)
CS
R
RMS
×
2
R
R
I
P
CS
CS
=
_
Eq. (18)
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
=
=
_
max
_
RMS
FET
I
RMS
12
2
_
2
max
_
_
max
_
_
PP
L
AVE
IN
I
I
D
CS
R
I
rms
A
RMS
_
44
.
1
12
26
.
0
64
.
1
78
.
0
2
2
=
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
=
I
CS
R
_
watt
P
CS
R
31
.
0
15
.
25
.
1
2
=
×
=
Use a 1/2 Watt resistor for RCS.
Output Capacitor
In this LED driver application, the ILED ripple current is a
more important factor compared to that of the output
ripple voltage (although the two are directly related). To
find the COUT for a required ILED ripple use the following
calculation:
For an output ripple
20% of
=
ripple
ILED
nom
ILED
mA
ILEDripple
70
35
.
0
2
.
0
=
×
=
Eq. (19)
)
(
*
*
*
_ total
LED
adj
ripple
nom
nom
out
R
R
ILED
T
D
ILED
C
+
=
Find the equivalent ac resistance
from the
datasheet of the LED. This is the inverse slope of the
ILED vs. VF curve i.e.:
ac
LED
R
_
Eq. (20)
ILED
V
R
F
ac
LED
Δ
Δ
=
_
In this example use
for each LED.
Ω
= 1
.
0
_ ac
LED
R
If the LEDs are connected in series, multiply
s, we obtain the following:
Ω
= 1
.
0
_ ac
LED
R
by the total number of LEDs. In this
example of 6 LED
Ω
=
Ω
×
=
6
.
0
1
.
0
6
_ total
LED
R
uF
R
R
ILED
T
D
ILED
C
total
LED
adj
ripple
nom
nom
out
1
.
4
)
(
*
*
*
_
=
+
=
Use the next highest standard value, which is 4.7uF.
e
is shown in Figure 5. For superior
There is a trade off between the output ripple and th
rising edge of the PWMD pulse.
This is because
between PWM dimming pulses, the converter stops
pulsing and COUT will start to discharge. The amount that
COUT will discharge depends on the time between PWM
Dimming pluses. At the next PWMD pulse COUT has to
be charged up to the full output voltage VOUT before the
desired LED current flows.
Input Capacitor
The input current
performance, ceramic capacitors should be used
because of their low equivalent series resistance (ESR).
The input ripple current is equal to the ripple in the
inductor plus the ripple voltage across the input
capacitor, which is the ESR of CIN times the inductor
ripple. The input capacitor will also bypass the EMI
generated by the converter as well as any voltage spikes
generated by the inductance of the input line. For a
required VIN_RIPPLE:
Eq. (21)
()
F
kHz
mV
A
F
V
I
C
=
SW
RIPPLE
IN
PP
IN
IN
μ
4
.
1
500
50
8
28
.
0
8
_
_
=
×
×
=
×
×
This is the minimum value that should be used. The
e, the FET has to hold off an output
input capacitor should also be rated for the maximum
RMS input current. To protect the IC from inductive
spikes or any overshoot, a larger value of input
capacitance may be required and it is recommended that
ceramic capacitors be used. In this design example a
value of 4.7µF ceramic capacitor was selected.
MOSFET Selection
In this design exampl
voltage maximum of 30V. It is recommended to use an
80% de-rating value on switching FETs, so a minimum
of a 38V FET should be selected.
In this design
example, a 75V FET has been selected.
The switching FET power losses are the sum of the
conduction loss and the switching loss:
Eq. (22)
FET
COND
FET
FET
P
P
P
_
_
+
SWITCH
=
The conduction loss of the FET is when the FET is
, where
turned on. The conduction power loss of the FET is
found by the following equation:
Eq. (23)
FET
COND
FET
I
P
=
_
_
DSON
RMS
R
×
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com