Electronic Components Datasheet Search
  English  ▼

X  

MIC3232YMM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC3232YMM
Description  Constant Current Boost Controller for Driving High Power LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3232YMM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC3232YMM Datasheet HTML 1Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 2Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 3Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 4Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 5Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 6Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 7Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 8Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MIC3230/1/2
Constant Current
Boost Controller for
Driving High Power LEDs
Bringing the Power to Light™
Bringing the Power to Light is a trademark of Micrel, Inc.
MicroLead Frame and MLF are registered trademark of Amkor Technologies.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MIC3230/1/2 are constant current boost switching
controllers specifically designed to power one or more
strings of high power LEDs. The MIC3230/1/2 have an
input voltage range from 6V to 45V and are ideal for a
variety of solid state lighting applications.
The MIC3230/1/2 utilizes an external power device which
offers a cost conscious solution for high power LED
applications. The powerful drive circuitry can deliver up to
70W to the LED system. Power consumption has been
minimized through the implementation of a 250mV
feedback voltage reference providing an accuracy of ±3%.
The MIC323x family is dimmable via a pulse width
modulated (PWM) input signal and also features an enable
pin for low power shutdown.
Multiple MIC3230 ICs can be synchronized to a common
operating frequency. The clocks of these synchronized
devices can be used together in order to help reduce noise
and errors in a system.
An external resistor sets the adjustable switching
frequency of the MIC3230/1. The switching frequency can
be between 100kHz and 1MHz.
Setting the switching
frequency provides the mechanism by which a design can
be optimized for efficiency (performance) and size of the
external components (cost). The MIC323x family of LED
drivers also offer the following protection features: Over
voltage protection (OVP), thermal shutdown and under-
voltage lock-out (UVLO).
The MIC3231 offers a dither feature to assist in the
reduction of EMI. This is particularly useful in sensitive
EMI applications, and provides for a reduction or
emissions by approximately 10dB.
The MIC3232 is a 400kHz fixed frequency device offered
in a small MSOP-10 package. The MIC3230/1 are offered
in both the EPAD TSSOP-16 package and the
3mm × 3mm MLF
®-12 package.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 6V to 45V input supply range
• Capable of driving up to 70W
• Ultra low EMI via dithering on the MIC3231
• Programmable LED drive current
• Feedback voltage = 250mV ±3%
• Programmable switching frequency (MIC3230/1) or
400kHz fixed frequency operation (MIC3232)
• PWM Dimming and separate enable shutdown
• Frequency synchronization with other MIC3230s
• Protection features:
Over Voltage Protection (OVP)
Over temperature protection
Under-voltage Lock-out (UVLO)
• Packages:
IADJ
IS
6
5
1
VIN
EN
PWMD
COMP
10 VDD
DRV
PGND
OVP
9
8
7
2
3
4
IADJ
IS
VIN
EN
PWMD
COMP
1
VDD
DRV
PGND
OVP
2
3
4
5
FS
EPAD
SYNC/NC
6
8
12
11
10
9
7
1
N/C
VIN
EN
PWMD
COMP
IADJ
FS
AGND
16 N/C
VDD
DRV
PGND
OVP
IS
SYNC/NC
N/C
15
14
13
12
11
10
9
2
3
4
5
6
7
8
EPAD
MIC3232
MSOP-10
MIC3230/1
MLF-12
MIC3230/1
TSSOP-16
• –40°C to +125°C junction temperature range
Applications
• Street Lighting
• Solid State Lighting
• General Illumination
• Architectural Lighting
• Constant Current Power Supplies
_________________________________________________________________________________________________
January 2009
M9999-011409-A
(408) 955-1690


Similar Part No. - MIC3232YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3232YMM MICREL-MIC3232YMM Datasheet
667Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
MIC3232YMM MICREL-MIC3232YMM Datasheet
723Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
More results

Similar Description - MIC3232YMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
logo
Unisonic Technologies
L5107 UTC-L5107 Datasheet
229Kb / 9P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
L5107 UTC-L5107_15 Datasheet
239Kb / 8P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
Constant Current, Buck Regulator for Driving High Power LEDs
logo
Unisonic Technologies
ULC6001 UTC-ULC6001 Datasheet
101Kb / 4P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com