Electronic Components Datasheet Search
  English  ▼

X  

AT89LP828 Datasheet(PDF) 92 Page - ATMEL Corporation

Part # AT89LP828
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP828 Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button AT89LP828 Datasheet HTML 88Page - ATMEL Corporation AT89LP828 Datasheet HTML 89Page - ATMEL Corporation AT89LP828 Datasheet HTML 90Page - ATMEL Corporation AT89LP828 Datasheet HTML 91Page - ATMEL Corporation AT89LP828 Datasheet HTML 92Page - ATMEL Corporation AT89LP828 Datasheet HTML 93Page - ATMEL Corporation AT89LP828 Datasheet HTML 94Page - ATMEL Corporation AT89LP828 Datasheet HTML 95Page - ATMEL Corporation AT89LP828 Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 149 page
background image
92
3654A–MICRO–8/09
AT89LP428/828
Figure 17-1. SPI Block Diagram
The interconnection between master and slave CPUs with SPI is shown in Figure 17-2. The four
pins in the interface are Master-In/Slave-Out (MISO), Master-Out/Slave-In (MOSI), Shift Clock
(SCK), and Slave Select (SS). The SCK pin is the clock output in master mode, but is the clock
input in slave mode. The MSTR bit in SPCR determines the directions of MISO and MOSI. Also
notice that MOSI connects to MOSI and MISO to MISO. By default SS/P1.4 is an input to both
master and slave devices.
In slave mode, SS must be driven low to select an individual device as a slave. When SS is held
low, the SPI is activated, and MISO becomes an output if configured by the user. All other pins
are inputs. When SS is driven high, all pins are inputs, and the SPI is passive, which means that
it will not receive incoming data. Note that the SPI logic will be reset once the SS pin is driven
high. The SS pin is useful for packet/byte synchronization to keep the slave bit counter synchro-
nous with the master clock generator. When the SS pin is driven high, the SPI slave will
immediately reset the send and receive logic, and drop any partially received data in the Shift
Register.The slave may ignore SS by setting its SSIG bit in SPSR. When SSIG = 1, the slave is
always enabled and operates in 3-wire mode. However, the slave output on MISO may still be
disabled by setting DISSO=1.
Oscillator
8-bit Shift Register
Read Data Buffer
SPI Control
SPI Status Register
SPI Interrupt
Request
Internal
Data Bus
Select
SPI Clock (Master)
Divider
÷4/÷8/÷32/÷64
SPI Control Register
8
8
8
MSTR
Clock
Logic
MSB
S
M
LSB
S
M
M
S
MISO
P1.6
MOSI
P1.5
SCK
1.7
SS
P1.4
SPE
Write Data Buffer
TSCK
0
1
T1 OVF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com