Electronic Components Datasheet Search
  English  ▼

X  

AT89LP828 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT89LP828
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP828 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT89LP828 Datasheet HTML 21Page - ATMEL Corporation AT89LP828 Datasheet HTML 22Page - ATMEL Corporation AT89LP828 Datasheet HTML 23Page - ATMEL Corporation AT89LP828 Datasheet HTML 24Page - ATMEL Corporation AT89LP828 Datasheet HTML 25Page - ATMEL Corporation AT89LP828 Datasheet HTML 26Page - ATMEL Corporation AT89LP828 Datasheet HTML 27Page - ATMEL Corporation AT89LP828 Datasheet HTML 28Page - ATMEL Corporation AT89LP828 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 149 page
background image
25
3654A–MICRO–8/09
AT89LP428/828
7.2
Brown-out Reset
The AT89LP428/828 has an on-chip Brown-out Detector (BOD) circuit for monitoring the V
CC
level during operation by comparing it to a fixed trigger level. The trigger level V
BOD for the BOD
is nominally 2.2V. The purpose of the BOD is to ensure that if V
CC fails or dips while executing at
speed, the system will gracefully enter reset without the possibility of errors induced by incorrect
execution. A BOD sequence is shown in Figure 7-3. When V
CC decreases to a value below the
trigger level V
BOD, the internal reset is immediately activated. When VCC increases above the
trigger level, the start-up timer releases the internal reset after the specified time-out period has
expired (Table 7-1). Note that there is approximately 200 mV of hysteresis between the rising
and falling V
BOD thresholds. The Brown-out Detector must be enabled by setting the BOD
Enable Fuse. (See “User Configuration Fuses” on page 121.)
The AT89LP428/828 allows for a wide V
CC operating range. The on-chip BOD may not be suffi-
cient to prevent incorrect execution if V
BOD is lower than the minimum required VCC range, such
as when a 5V supply is coupled with high frequency operation. In such cases an external Brown-
out Reset circuit connected to the RST pin may be required.
Figure 7-3.
Brown-out Detector Reset
Table 7-1.
Start-up Timer Settings
SUT Fuse 1
SUT Fuse 0
Clock Source
t
SUT (± 5%) µs
00
Internal RC/External Clock
16
Crystal Oscillator
1024
01
Internal RC/External Clock
N/A
Crystal Oscillator
2048
10
Internal RC/External Clock
1024
Crystal Oscillator
4096
11
Internal RC/External Clock
N/A
Crystal Oscillator
16384
VCC
Time-out
VPOR
Internal
Reset
tSUT
VBOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com