Electronic Components Datasheet Search
  English  ▼

X  

AT89LP828 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT89LP828
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP828 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT89LP828 Datasheet HTML 1Page - ATMEL Corporation AT89LP828 Datasheet HTML 2Page - ATMEL Corporation AT89LP828 Datasheet HTML 3Page - ATMEL Corporation AT89LP828 Datasheet HTML 4Page - ATMEL Corporation AT89LP828 Datasheet HTML 5Page - ATMEL Corporation AT89LP828 Datasheet HTML 6Page - ATMEL Corporation AT89LP828 Datasheet HTML 7Page - ATMEL Corporation AT89LP828 Datasheet HTML 8Page - ATMEL Corporation AT89LP828 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 149 page
background image
3
3654A–MICRO–8/09
AT89LP428/828
1.5
Pin Description
Table 1-1.
AT89LP428/828 Pin Description
Pin Number
Symbol
Type
Description
TQFP
/MLF
PLCC
PDIP
15
5
P4.1
I/O
O
O
I/O
P4.1: User-configurable I/O Port 4 bit 1.
XTAL2: Output from inverting oscillator amplifier. It may be used as a port pin if the
internal RC oscillator is selected as the clock source.
CLKOUT: When the internal RC oscillator is selected as the clock source, may be
used to output the internal clock divided by 2.
DDA: Serial Data input/output for On-chip Debug Interface when OCD is enabled
and the external clock is selected as the clock source.
26
6
P4.0
I/O
I
I/O
P4.0: User-configurable I/O Port 4 bit 0.
XTAL1: Input to the inverting oscillator amplifier and internal clock generation circuits.
It may be used as a port pin if the internal RC oscillator is selected as the clock
source.
DDA: Serial Data input/output for On-chip Debug Interface when OCD is enabled
and the internal RC oscillator is selected as the clock source.
3
7
N/A
P4.5
I/O
P4.5: User-configurable I/O Port 4 bit 5.
48
7
GND
I
Ground
5
9
N/A
P4.4
I/O
P4.4: User-configurable I/O Port 4 bit 4.
6108
P3.2
I/O
I
P3.2: User-configurable I/O Port 3 bit 2.
INT0: External Interrupt 0 Input or Timer 0 Gate Input.
7119
P3.3
I/O
I
P3.3: User-configurable I/O Port 3 bit 3.
INT1: External Interrupt 1 Input or Timer 1 Gate Input
812
10
P3.4
I/O
I/O
P3.4: User-configurable I/O Port 3 bit 4.
T1: Timer/Counter 0 External input or PWM output.
913
11
P3.5
I/O
I/O
P3.5: User-configurable I/O Port 3 bit 5.
T1: Timer/Counter 1 External input or PWM output.
10
14
12
P3.6
I/O
I
I
P3.6: User-configurable I/O Port 3 bit 6 (if Reset Fuse is disabled).
RST: External Active-low Reset input (if Reset Fuse is enabled, see “External Reset”
on page 26).
DCL: Serial Clock input for On-chip Debug Interface when OCD is enabled.
11
15
13
P2.3
I/O
I/O
P2.3: User-configurable I/O Port 2 bit 3.
CCD: Timer 2 Channel D Compare Output or Capture Input.
12
16
14
P2.1
I/O
I/O
P2.2: User-configurable I/O Port 2 bit 2.
CCC: Timer 2 Channel C Compare Output or Capture Input.
13
17
15
P2.1
I/O
I/O
P2.1: User-configurable I/O Port 2 bit 1.
CCB: Timer 2 Channel B Compare Output or Capture Input.
14
18
16
P2.0
I/O
I/O
P2.0: User-configurable I/O Port 2 bit 0.
CCA: Timer 2 Channel A Compare Output or Capture Input.
15
19
17
P3.7
I/O
I/O
P3.7: User-configurable I/O Port 3 bit 7.
DDA: Serial Data input/output for On-chip Debug Interface when OCD is enabled
and the Crystal oscillator is selected as the clock source.
16
20
18
P1.0
I/O
I/O
I
P1.0: User-configurable I/O Port 1 bit 0.
T2: Timer 2 External Input or Clock Output.
GPI0: General-purpose Interrupt input 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com