Electronic Components Datasheet Search
  English  ▼

X  

AT89LP828 Datasheet(PDF) 93 Page - ATMEL Corporation

Part # AT89LP828
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP828 Datasheet(HTML) 93 Page - ATMEL Corporation

Back Button AT89LP828 Datasheet HTML 89Page - ATMEL Corporation AT89LP828 Datasheet HTML 90Page - ATMEL Corporation AT89LP828 Datasheet HTML 91Page - ATMEL Corporation AT89LP828 Datasheet HTML 92Page - ATMEL Corporation AT89LP828 Datasheet HTML 93Page - ATMEL Corporation AT89LP828 Datasheet HTML 94Page - ATMEL Corporation AT89LP828 Datasheet HTML 95Page - ATMEL Corporation AT89LP828 Datasheet HTML 96Page - ATMEL Corporation AT89LP828 Datasheet HTML 97Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 149 page
background image
93
3654A–MICRO–8/09
AT89LP428/828
Figure 17-2. SPI Master-Slave Interconnection
When the SPI is configured as a Master (MSTR in SPCR is set), the operation of the SS pin
depends on the setting of the Slave Select Ignore bit, SSIG. If SSIG = 1, the SS pin is a general-
purpose output pin which does not affect the SPI system. Typically, the pin will be driving the SS
pin of an SPI Slave. If SSIG = 1, SS must be held high to ensure Master SPI operation. If the SS
pin is driven low by peripheral circuitry when the SPI is configured as a Master with SSIG = 1,
the SPI system interprets this as another master selecting the SPI as a slave and starting to
send data to it. To avoid bus contention, the SPI system takes the following actions:
1.
The MSTR bit in SPCR is cleared and the SPI system becomes a Slave. As a result of
the SPI becoming a Slave, the MOSI and SCK pins become inputs.
2.
The MODF Flag in SPSR is set, and if the SPI interrupt is enabled, the interrupt routine
will be executed.
Thus, when interrupt-driven SPI transmission is used in Master mode, and there exists a possi-
bility that SS may be driven low, the interrupt should always check that the MSTR bit is still set. If
the MSTR bit has been cleared by a slave select, it must be set by the user to re-enable SPI
Master mode.
17.1
Master Operation
An SPI master device initiates all data transfers on the SPI bus. The AT89LP428/828 is config-
ured for master operation by setting MSTR = 1 in SPCR. Writing to the SPI data register (SPDR)
while in master mode loads the transmit buffer. If the SPI shift register is empty, the byte in the
transmit buffer is moved to the shift register; the transmit buffer empty flag, TXE, is set; and a
transmission begins. The transfer may start after an initial delay, while the clock generator waits
for the next full bit slot of the specified baud rate. The master shifts the data out serially on the
MOSI line while providing the serial shift clock on SCK. When the transfer finishes, the SPIF flag
is set to “1” and an interrupt request is generated, if enabled. The data received from the
addressed SPI slave device is also transferred from the shift register to the receive buffer.
Therefore, the SPIF bit flags both the transmit-complete and receive-data-ready conditions. The
received data is accessed by reading SPDR.
8-Bit Shift Register
Master
Slave
MSB
LSB
MSB
LSB
8-Bit Shift Register
MISO
MISO
DISSO
SSIG
MOSI
MOSI
SS
SS
GPIO
SSIG
VCC
SCK
SCK
MODF
Clock
Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com