Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9263 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT91SAM9263
Description  AT91 ARM Thumb Microcontrollers
PDF  1110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9263 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT91SAM9263 Datasheet HTML 1Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 2Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 3Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 4Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 1110 page
background image
Features
• Incorporates the ARM926EJ-S™ ARM® Thumb® Processor
– DSP Instruction Extensions, Jazelle® Technology for Java® Acceleration
– 16 Kbyte Data Cache, 16 Kbyte Instruction Cache, Write Buffer
– 220 MIPS at 200 MHz
– Memory Management Unit
– EmbeddedICE™, Debug Communication Channel Support
– Mid-level Implementation Embedded Trace Macrocell™
• Bus Matrix
– Nine 32-bit-layer Matrix, Allowing a Total of 28.8 Gbps of On-chip Bus Bandwidth
– Boot Mode Select Option, Remap Command
• Embedded Memories
– One 128 Kbyte Internal ROM, Single-cycle Access at Maximum Bus Matrix Speed
– One 80 Kbyte Internal SRAM, Single-cycle Access at Maximum Processor or Bus
Matrix Speed
– One 16 Kbyte Internal SRAM, Single-cycle Access at Maximum Bus Matrix Speed
• Dual External Bus Interface (EBI0 and EBI1)
– EBI0 Supports SDRAM, Static Memory, ECC-enabled NAND Flash and
CompactFlash®
– EBI1 Supports SDRAM, Static Memory and ECC-enabled NAND Flash
• DMA Controller (DMAC)
– Acts as one Bus Matrix Master
– Embeds 2 Unidirectional Channels with Programmable Priority, Address
Generation, Channel Buffering and Control
• Twenty Peripheral DMA Controller Channels (PDC)
• LCD Controller
– Supports Passive or Active Displays
– Up to 24 bits per Pixel in TFT Mode, Up to 16 bits per Pixel in STN Color Mode
– Up to 16M Colors in TFT Mode, Resolution Up to 2048x2048, Supports Virtual
Screen Buffers
• Two D Graphics Accelerator
– Line Draw, Block Transfer, Clipping, Commands Queuing
• Image Sensor Interface
– ITU-R BT. 601/656 External Interface, Programmable Frame Capture Rate
– 12-bit Data Interface for Support of High Sensibility Sensors
– SAV and EAV Synchronization, Preview Path with Scaler, YCbCr Format
• USB 2.0 Full Speed (12 Mbits per second) Host Double Port
– Dual On-chip Transceivers
– Integrated FIFOs and Dedicated DMA Channels
• USB 2.0 Full Speed (12 Mbits per second) Device Port
– On-chip Transceiver, 2,432-byte Configurable Integrated DPRAM
• Ethernet MAC 10/100 Base-T
– Media Independent Interface or Reduced Media Independent Interface
– 28-byte FIFOs and Dedicated DMA Channels for Receive and Transmit
• Fully-featured System Controller, including
– Reset Controller, Shutdown Controller
– Twenty 32-bit Battery Backup Registers for a Total of 80 Bytes
– Clock Generator and Power Management Controller
– Advanced Interrupt Controller and Debug Unit
AT91 ARM
Thumb
Microcontrollers
AT91SAM9263
Preliminary
6249H–ATARM–27-Jul-09


Similar Part No. - AT91SAM9263

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9263 ATMEL-AT91SAM9263 Datasheet
10Mb / 1029P
Thumb Microcontrollers
AT91SAM9263 ATMEL-AT91SAM9263 Datasheet
791Kb / 48P
AT91 ARM Thumb Microcontrollers
AT91SAM9263 ATMEL-AT91SAM9263 Datasheet
1,012Kb / 51P
AT91 ARM Thumb Microcontrollers
AT91SAM9263 ATMEL-AT91SAM9263 Datasheet
919Kb / 51P
AT91 ARM Thumb Microcontrollers
AT91SAM9263-CU ATMEL-AT91SAM9263-CU Datasheet
10Mb / 1029P
Thumb Microcontrollers
More results

Similar Description - AT91SAM9263

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
AT91 ARM Thumb Microcontrollers
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128 Datasheet
1Mb / 50P
AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com