Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9263 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT91SAM9263
Description  AT91 ARM Thumb Microcontrollers
PDF  1110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9263 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT91SAM9263 Datasheet HTML 1Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 2Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 3Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 4Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 1110 page
background image
3
6249H–ATARM–27-Jul-09
AT91SAM9263 Preliminary
• IEEE® 1149.1 JTAG Boundary Scan on All Digital Pins
• Required Power Supplies
– 1.08V to 1.32V for VDDCORE and VDDBU
– 3.0V to 3.6V for VDDOSC and VDDPLL
– 2.7V to 3.6V for VDDIOP0 (Peripheral I/Os)
– 1.65V to 3.6V for VDDIOP1 (Peripheral I/Os)
– Programmable 1.65V to 1.95V or 3.0V to 3.6V for VDDIOM0/VDDIOM1 (Memory I/Os)
• Available in a 324-ball TFBGA Green Package
1.
Description
The AT91SAM9263 32-bit microcontroller, based on the ARM926EJ-S processor, is architectured on a 9-layer matrix,
allowing a maximum internal bandwidth of nine 32-bit buses. It also features two independent external memory buses,
EBI0 and EBI1, capable of interfacing with a wide range of memory devices and an IDE hard disk. Two external buses pre-
vent bottlenecks, thus guaranteeing maximum performance.
The AT91SAM9263 embeds an LCD Controller supported by a Two D Graphics Controller and a 2-channel DMA Control-
ler, and one Image Sensor Interface. It also integrates several standard peripherals, such as USART, SPI, TWI, Timer
Counters, PWM Generators, Multimedia Card interface and one CAN Controller.
When coupled with an external GPS engine, the AT91SAM9263 provides the ideal solution for navigation systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com