Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9263 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT91SAM9263
Description  AT91 ARM Thumb Microcontrollers
PDF  1110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9263 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT91SAM9263 Datasheet HTML 9Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 10Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 11Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 12Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 13Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 14Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 15Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 16Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 1110 page
background image
13
6249H–ATARM–27-Jul-09
AT91SAM9263 Preliminary
5.
Power Considerations
5.1
Power Supplies
AT91SAM9263 has several types of power supply pins:
• VDDCORE pins: Power the core, including the processor, the embedded memories and the
peripherals; voltage ranges from 1.08V to 1.32V, 1.2V nominal.
• VDDIOM0 and VDDIOM1 pins: Power the External Bus Interface 0 I/O lines and the External
Bus Interface 1 I/O lines, respectively; voltage ranges between 1.65V and 1.95V (1.8V
nominal) or between 3.0V and 3.6V (3.3V nominal).
• VDDIOP0 pins: Power the Peripheral I/O lines and the USB transceivers; voltage ranges from
2.7V to 3.6V, 3.3V nominal.
• VDDIOP1 pins: Power the Peripheral I/O lines involving the Image Sensor Interface; voltage
ranges from 1.65V to 3.6V, 1.8V, 2.5V, 3V or 3.3V nominal.
• VDDBU pin: Powers the Slow Clock oscillator and a part of the System Controller; voltage
ranges from 1.08V to 1.32V, 1.2V nominal.
• VDDPLL pin: Powers the PLL cells; voltage ranges from 3.0V to 3.6V, 3.3V nominal.
• VDDOSC pin: Powers the Main Oscillator cells; voltage ranges from 3.0V to 3.6V, L3.3V
nominal.
The power supplies VDDIOM0, VDDIOM1 and VDDIOP0, VDDIOP1 are identified in the pinout
table and the multiplexing tables. These supplies enable the user to power the device differently
for interfacing with memories and for interfacing with peripherals.
Ground pins GND are common to VDDOSC, VDDCORE, VDDIOM0, VDDIOM1, VDDIOP0 and
VDDIOP1 pins power supplies. Separated ground pins are provided for VDDBU and VDDPLL.
These ground pins are respectively GNDBU and GNDPLL.
5.2
Power Consumption
The AT91SAM9263 consumes about 700 µA (worst case) of static current on VDDCORE at
25°C. This static current rises at up to 7 mA if the temperature increases to 85°C.
On VDDBU, the current does not exceed 3 µA @25°C, but can rise at up to 20 µA @85°C. An
automatic switch to VDDCORE guarantees low power consumption on the battery when the sys-
tem is on.
For dynamic power consumption, the AT91SAM9263 consumes a maximum of 70 mA on
VDDCORE at maximum conditions (1.2V, 25°C, processor running full-performance algorithm).
5.3
Programmable I/O Lines Power Supplies
The power supply pins VDDIOM0 and VDDIOM1 accept two voltage ranges. This allows the
device to reach its maximum speed, either out of 1.8V or 3.0V external memories.
The maximum speed is 100 MHz on the pin SDCK (SDRAM Clock) loaded with 10 pF. The other
signals (control, address and data signals) do not go over 50 MHz, loaded with 30 pF for power
supply at 1.8V and 50 pF for power supply at 3.3V.
The voltage ranges are determined by programming registers in the Chip Configuration registers
located in the Matrix User Interface.
At reset, the selected voltage defaults to 3.3V nominal and power supply pins can accept either
1.8V or 3.3V. However, the device cannot reach its maximum speed if the voltage supplied to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com