Electronic Components Datasheet Search
  English  ▼

X  

ATmega88 Datasheet(PDF) 328 Page - ATMEL Corporation

Part # ATmega88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega88 Datasheet(HTML) 328 Page - ATMEL Corporation

Back Button ATmega88 Datasheet HTML 324Page - ATMEL Corporation ATmega88 Datasheet HTML 325Page - ATMEL Corporation ATmega88 Datasheet HTML 326Page - ATMEL Corporation ATmega88 Datasheet HTML 327Page - ATMEL Corporation ATmega88 Datasheet HTML 328Page - ATMEL Corporation ATmega88 Datasheet HTML 329Page - ATMEL Corporation ATmega88 Datasheet HTML 330Page - ATMEL Corporation ATmega88 Datasheet HTML 331Page - ATMEL Corporation ATmega88 Datasheet HTML 332Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 340 page
background image
328
7530H–AVR–02/09
ATmega48/88/168 Automotive
33. Errata ATmega48
The revision letter in this section refers to the revision of the ATmega48 device.
33.1
Rev. E
• Interrupts may be lost when writing the timer registers in the asynchronous timer
1. Interrupts may be lost when writing the timer registers in the asynchronous timer
If one of the timer registers which is synchronized to the asynchronous timer2 clock is written in
the cycle before an overflow interrupt occurs, the interrupt may be lost.
Problem Fix/Workaround
Always check that the Timer2 Timer/Counter register, TCNT2, does not have the value 0xFF
before writing the Timer2 Control Register, TCCR2, or Output Compare Register, OCR2.
33.2
Rev. D
• Interrupts may be lost when writing the timer registers in the asynchronous timer
• POR sensitivity with Vcc ramp up from a very low supply voltage
1. Interrupts may be lost when writing the timer registers in the asynchronous timer
If one of the timer registers which is synchronized to the asynchronous timer2 clock is written in
the cycle before an overflow interrupt occurs, the interrupt may be lost.
Problem Fix/Workaround
Always check that the Timer2 Timer/Counter register, TCNT2, does not have the value 0xFF
before writing the Timer2 Control Register, TCCR2, or Output Compare Register, OCR2.
2. POR sensitivity with Vcc ramp up from a very low supply voltage
If Vcc ramp up from a stable 150mV to 300mV plateau, the Power On Reset (POR) may not
reset the device properly.
Problem Fix/Workaround
None.
33.3
Rev. A
• Interrupts may be lost when writing the timer registers in the asynchronous timer
• POR sensitivity with Vcc ramp up from a very low supply voltage
1. Interrupts may be lost when writing the timer registers in the asynchronous timer
If one of the timer registers which is synchronized to the asynchronous timer2 clock is written in
the cycle before an overflow interrupt occurs, the interrupt may be lost.
Problem Fix/Workaround
Always check that the Timer2 Timer/Counter register, TCNT2, does not have the value 0xFF
before writing the Timer2 Control Register, TCCR2, or Output Compare Register, OCR2.
2. POR sensitivity with Vcc ramp up from a very low supply voltage
If Vcc ramp up from a stable 150mV to 300mV plateau, the Power On Reset (POR) may not
reset the device properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com