Electronic Components Datasheet Search
  English  ▼

X  

ATmega88 Datasheet(PDF) 337 Page - ATMEL Corporation

Part # ATmega88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega88 Datasheet(HTML) 337 Page - ATMEL Corporation

Back Button ATmega88 Datasheet HTML 332Page - ATMEL Corporation ATmega88 Datasheet HTML 333Page - ATMEL Corporation ATmega88 Datasheet HTML 334Page - ATMEL Corporation ATmega88 Datasheet HTML 335Page - ATMEL Corporation ATmega88 Datasheet HTML 336Page - ATMEL Corporation ATmega88 Datasheet HTML 337Page - ATMEL Corporation ATmega88 Datasheet HTML 338Page - ATMEL Corporation ATmega88 Datasheet HTML 339Page - ATMEL Corporation ATmega88 Datasheet HTML 340Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 337 / 340 page
background image
337
7530H–AVR–02/09
ATmega48/88/168 Automotive
22.5
Limitations of debugWIRE .............................................................................255
22.6
debugWIRE Related Register in I/O Memory ................................................255
23
Self-Programming the Flash, ATmega48 ........................................... 256
23.1
Addressing the Flash During Self-Programming ...........................................257
24
Boot Loader Support – Read-While-Write Self-Programming,
ATmega88 and ATmega168 ................................................................ 263
24.1
Boot Loader Features ....................................................................................263
24.2
Application and Boot Loader Flash Sections .................................................263
24.3
Read-While-Write and No Read-While-Write Flash Sections ........................264
24.4
Boot Loader Lock Bits ...................................................................................266
24.5
Entering the Boot Loader Program ................................................................267
24.6
Addressing the Flash During Self-Programming ...........................................269
24.7
Self-Programming the Flash ..........................................................................270
25
Memory Programming ......................................................................... 278
25.1
Program And Data Memory Lock Bits ...........................................................278
25.2
Fuse Bits ........................................................................................................280
25.3
Signature Bytes .............................................................................................282
25.4
Calibration Byte .............................................................................................282
25.5
Parallel Programming Parameters, Pin Mapping, and Commands ...............282
25.6
Serial Programming Pin Mapping ..................................................................285
25.7
Parallel Programming ....................................................................................285
25.8
Serial Downloading ........................................................................................293
26
Electrical Characteristics .................................................................... 298
26.1
Absolute Maximum Ratings* .........................................................................298
26.2
DC Characteristics .........................................................................................298
26.3
External Clock Drive Waveforms ...................................................................300
26.4
External Clock Drive ......................................................................................300
26.5
Maximum Speed vs. V
CC ............................................................................... 301
26.6
LIN Re-synchronization algorithm .................................................................301
26.7
Synchronization Algorithm .............................................................................301
26.8
Precaution Against OSCCAL Discontinuity ...................................................302
27
2-wire Serial Interface Characteristics ............................................... 303
27.1
SPI Timing Characteristics ............................................................................305
27.2
ADC Characteristics .....................................................................................306



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com