Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 148 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 148 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 144Page - ATMEL Corporation ATmega16U4 Datasheet HTML 145Page - ATMEL Corporation ATmega16U4 Datasheet HTML 146Page - ATMEL Corporation ATmega16U4 Datasheet HTML 147Page - ATMEL Corporation ATmega16U4 Datasheet HTML 148Page - ATMEL Corporation ATmega16U4 Datasheet HTML 149Page - ATMEL Corporation ATmega16U4 Datasheet HTML 150Page - ATMEL Corporation ATmega16U4 Datasheet HTML 151Page - ATMEL Corporation ATmega16U4 Datasheet HTML 152Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 408 page
background image
148
7766D–AVR–01/09
ATmega16U4/ATmega32U4
Figure 15-9. Compare Match Output Unit, Schematic
15.6.1
Compare Output Mode and Waveform Generation
The Waveform Generator uses the COM4x1:0 bits differently in Normal mode and PWM modes.
For all modes, setting the COM4x1:0 = 0 tells the Waveform Generator that no action on the
OCW4x Output is to be performed on the next Compare Match. For compare output actions in
the non-PWM modes refer to Table 15-6 on page 163. For fast PWM mode, refer to Table 15-7
on page 163, and for the Phase and Frequency Correct PWM refer to Table 15-8 on page 164.
A change of the COM4x1:0 bits state will have effect at the first Compare Match after the bits are
written. For non-PWM modes, the action can be forced to have immediate effect by using the
FOC4x strobe bits.
PORTC6
DDRC6
DQ
DDRC7
PORTC7
DQ
DQ
DQ
clkI/O
PORTB5
DDRB5
D Q
DDRB6
PORTB6
D Q
D Q
D Q
PORTD6
DDRD6
DQ
DDRD7
PORTD7
DQ
DQ
DQ
1
0
1
0
OC4D
PIN
2
1
0
Dead Time
Generator D
Q
Q
OCW4D
clk Tn
OC4D
PIN
Output Compare
Pin Configuration
COM4D1:0
WGM41
OC4OE5:4
1
0
1
0
1
0
OC4B
PIN
2
1
0
Dead Time
Generator B
Q
Q
OCW4B
clk Tn
OC4B
PIN
Output Compare
Pin Configuration
COM4B1:0
WGM41
OC4OE3:2
1
0
1
0
OC4A
PIN
0
1
Dead Time
Generator A
Q
Q
OCW4A
clk Tn
OC4A
PIN
Output Compare
Pin Configuration
COM4A1:0
WGM41
OC4OE1:0
1
0
OC4A
OC4A
OC4B
OC4B
OC4
OC4D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com