Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 150 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 150 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 146Page - ATMEL Corporation ATmega16U4 Datasheet HTML 147Page - ATMEL Corporation ATmega16U4 Datasheet HTML 148Page - ATMEL Corporation ATmega16U4 Datasheet HTML 149Page - ATMEL Corporation ATmega16U4 Datasheet HTML 150Page - ATMEL Corporation ATmega16U4 Datasheet HTML 151Page - ATMEL Corporation ATmega16U4 Datasheet HTML 152Page - ATMEL Corporation ATmega16U4 Datasheet HTML 153Page - ATMEL Corporation ATmega16U4 Datasheet HTML 154Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 408 page
background image
150
7766D–AVR–01/09
ATmega16U4/ATmega32U4
– Setting OCR4A = 0x85 (= b’10000101’) signifies that the true value of “Compare A”
register is 0x42 (b’01000010’) and that the Enhanced bit is set. That means that the
duty cycle obtained (51.95%) will be the intermediate value between duty cycles that
can be obtained by 0x42 and 0x43 Compare values (51.56%, 52.34%).
15.7
Synchronous update
To avoid unasynchronous and incoherent values in a cycle, if a synchronous update of one of
several values is necessary, all values can be updated at the same time at the end of the PWM
cycle by the Timer controller. The new set of values is calculated by software and the effective
update can be initiated by software.
Figure 15-11. Lock feature and Synchronous update
In normal operation, each write to a Compare register is effective at the end of the current cycle.
But some cases require that two or more Compare registers are updated synchronously, and
that may not be always possible, mostly at high speed PWM frequencies. That may result in
some PWM periods with incoherent values.
When using the Lock feature (TLOCK4=1), the values written to the Compare registers are not
effective and temporarily buffered. When releasing the TLOCK4 bit, the update is initiated and
the new whole set of values will be loaded at the end of the current PWM cycle.
See Section 15.12.5 ”TCCR4E – Timer/Counter4 Control Register E” on page 170.
15.8
Modes of Operation
The mode of operation, i.e., the behavior of the Timer/Counter and the Output Compare pins, is
defined by the combination of the Waveform Generation mode (bits PWM4x and WGM40) and
Compare Output mode (COM4x1:0) bits. The Compare Output mode bits do not affect the
counting sequence, while the Waveform Generation mode bits do. The COM4x1:0 bits control
whether the PWM output generated should be inverted, non-inverted or complementary. For
non-PWM modes the COM4x1:0 bits control whether the output should be set, cleared, or tog-
gled at a Compare Match.
15.8.1
Normal Mode
The simplest mode of operation is the Normal mode (PWM4x = 0), the counter counts from
BOTTOM to TOP (defined as OCR4C) then restarts from BOTTOM. The OCR4C defines the
TOP value for the counter, hence also its resolution, and allows control of the Compare Match
output frequency. In toggle Compare Output Mode the Waveform Output (OCW4x) is toggled at
Compare Match between TCNT4 and OCR4x. In non-inverting Compare Output Mode the
Regulation Loop
Calculation
Writing to Timer
Registers Set j
Request for an
Update
Cycle with
Set i
Cycle with
Set i
Cycle with
Set i
Cycle with
Set i
Cycle with
Set j
TLOCK4=1
TLOCK4=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com