Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 153 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 153 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 149Page - ATMEL Corporation ATmega16U4 Datasheet HTML 150Page - ATMEL Corporation ATmega16U4 Datasheet HTML 151Page - ATMEL Corporation ATmega16U4 Datasheet HTML 152Page - ATMEL Corporation ATmega16U4 Datasheet HTML 153Page - ATMEL Corporation ATmega16U4 Datasheet HTML 154Page - ATMEL Corporation ATmega16U4 Datasheet HTML 155Page - ATMEL Corporation ATmega16U4 Datasheet HTML 156Page - ATMEL Corporation ATmega16U4 Datasheet HTML 157Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 408 page
background image
153
7766D–AVR–01/09
ATmega16U4/ATmega32U4
The Timer/Counter Overflow Flag (TOV4) is set each time the counter reaches TOP. If the inter-
rupt is enabled, the interrupt handler routine can be used for updating the compare value.4In
fast PWM mode, the compare unit allows generation of PWM waveforms on the OC4x pins. Set-
ting the COM4x1:0 bits to two will produce a non-inverted PWM and setting the COM4x1:0 to
three will produce an inverted PWM output. Setting the COM4x1:0 bits to one will enable com-
plementary Compare Output mode and produce both the non-inverted (OC4x) and inverted
output (OC4x). The actual value will only be visible on the port pin if the data direction for the
port pin is set as output. The PWM waveform is generated by setting (or clearing) the Waveform
Output (OCW4x) at the Compare Match between OCR4x and TCNT4, and clearing (or setting)
the Waveform Output at the timer clock cycle the counter is cleared (changes from TOP to
BOTTOM).
The PWM frequency for the output can be calculated by the following equation:
The N variable represents the number of steps in single-slope operation. The value of N equals
either to the TOP value.
The extreme values for the OCR4C Register represents special cases when generating a PWM
waveform output in the fast PWM mode. If the OCR4C is set equal to BOTTOM, the output will
be a narrow spike for each MAX+1 timer clock cycle. Setting the OCR4C equal to MAX will result
in a constantly high or low output (depending on the polarity of the output set by the COM4x1:0
bits.)
A frequency (with 50% duty cycle) waveform output in fast PWM mode can be achieved by set-
ting the Waveform Output (OCW4x) to toggle its logical level on each Compare Match
(COM4x1:0 = 1). The waveform generated will have a maximum frequency of f
OC4 = fclkT4/4 when
OCR4C is set to three.
The general I/O port function is overridden by the Output Compare value (OC4x / OC4x) from
the Dead Time Generator, if either of the COM4x1:0 bits are set and the Data Direction Register
bits for the OC4X and OC4X pins are set as an output. If the COM4x1:0 bits are cleared, the
actual value from the port register will be visible on the port pin. The Output Compare Pin config-
urations are described in Table 15-3.
15.8.3
Phase and Frequency Correct PWM Mode
The Phase and Frequency Correct PWM Mode (PWM4x = 1 and WGM40 = 1) provides a high
resolution Phase and Frequency Correct PWM waveform generation option. The Phase and
Frequency Correct PWM mode is based on a dual-slope operation. The counter counts repeat-
edly from BOTTOM to TOP (defined as OCR4C) and then from TOP to BOTTOM. In non-
inverting Compare Output Mode the Waveform Output (OCW4x) is cleared on the Compare
Table 15-3.
Output Compare Pin Configurations in Fast PWM Mode
COM4x1
COM4x0
OC4x Pin
OC4x Pin
0
0
Disconnected
Disconnected
01OC4x
OC4x
1
0
Disconnected
OC4x
1
1
Disconnected
OC4x
f
OCnxPWM
fclkT4
N
-------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com