Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 149 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 149 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 145Page - ATMEL Corporation ATmega16U4 Datasheet HTML 146Page - ATMEL Corporation ATmega16U4 Datasheet HTML 147Page - ATMEL Corporation ATmega16U4 Datasheet HTML 148Page - ATMEL Corporation ATmega16U4 Datasheet HTML 149Page - ATMEL Corporation ATmega16U4 Datasheet HTML 150Page - ATMEL Corporation ATmega16U4 Datasheet HTML 151Page - ATMEL Corporation ATmega16U4 Datasheet HTML 152Page - ATMEL Corporation ATmega16U4 Datasheet HTML 153Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 408 page
background image
149
7766D–AVR–01/09
ATmega16U4/ATmega32U4
15.6.2
Enhanced Compare/PWM mode
When the bit ENHC4 of TCCR4E register is set, the Enhanced Compare/PWM mode is enabled.
This mode allows user to add an accuracy bit to Output Compare Register OCR4A, OCR4B and
OCR4D. Like explained previously, a compare condition appears when one of the three Output
Compare Registers (OCR4A/B/D) matches the value of TCNT4 (10-bits resolution). In basic
PWM Mode, the corresponding enabled output toggles on the Compare Match. The Enhanced
Compare/PWM mode introduces a bit that determines on which internal clock edge the Com-
pare Match condition is actually signalled. That means that the corresponding outputs will toggle
on the standard clock edge (like in Normal mode) if the LSB of OCR4A/B/D is ‘0’, or on the oppo-
site (next) edge if the LSB is ‘1’.
User will notice that between Normal and Enhanced PWM modes, the output frequency will be
identical, while the PWM resolution will be better in second case.
Writing to the Output Compare registers OCR4A/B/D or reading them will be identical in both
modes. In Enhanced mode, user must just consider that the TC4H register can be up to 3-bits
wide (and have the same behavior than during 2-bits operation). That will concern OCR4A,
OCR4B and OCR4D registers accesses only. Indeed, the OCR4C register must not include the
additional accuracy bit, and remains in the resolution that determines the output signal period.
Figure 15-10. How register access works in Enhanced mode
That figure shows that the true OCR4A/B/D value corresponds to the value loaded by the user
shifted on the right in order to transfer the least significant bit directly to the Waveform genera-
tion module.
The maximum available resolution is 11-bits, but any other resolution can be specified. For
example, a 8-bits resolution will allow to obtain the same frequency than a Normal PWM mode
with 7-bits resolution.
Example:
– PLL Postcaler output = 64 MHz, No Prescaler on Timer/Counter4.
– Setting OCR4C = 0x7F determines a full 7-bits theoretical resolution, and so a 500kHz
output frequency.
9
6
3
1
5
7
42
0
8
10
9
6
3
1
5
7
42
0
8
(TC4H)
(OCR4A/B/D)
Output Compare Module A/B/D
Waveform Generation
Enhanced
Mode
Pin Toggle
True
OCR4A/B/D
User Interface Side
Timer Logic Side
ENHC4
TCNT4<9:0>
OCR4C<9:0>
Configuration
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com