Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 147 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 147 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 143Page - ATMEL Corporation ATmega16U4 Datasheet HTML 144Page - ATMEL Corporation ATmega16U4 Datasheet HTML 145Page - ATMEL Corporation ATmega16U4 Datasheet HTML 146Page - ATMEL Corporation ATmega16U4 Datasheet HTML 147Page - ATMEL Corporation ATmega16U4 Datasheet HTML 148Page - ATMEL Corporation ATmega16U4 Datasheet HTML 149Page - ATMEL Corporation ATmega16U4 Datasheet HTML 150Page - ATMEL Corporation ATmega16U4 Datasheet HTML 151Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 408 page
background image
147
7766D–AVR–01/09
ATmega16U4/ATmega32U4
The length of the counting period is user adjustable by selecting the dead time prescaler setting
by using the DTPS41:40 control bits, and selecting then the dead time value in I/O register DT4.
The DT4 register consists of two 4-bit fields, DT4H and DT4L that control the dead time periods
of the PWM output and its' complementary output separately in terms of the number of pres-
caled dead time generator clock cycles. Thus the rising edge of OC4x and OC4x can have
different dead time periods as the t
non-overlap / rising edge is adjusted by the 4-bit DT4H value and the
t
non-overlap / falling edge is adjusted by the 4-bit DT4L value.
Figure 15-8. The Complementary Output Pair, COM4x1:0 = 1
15.6
Compare Match Output Unit
The Compare Output Mode (COM4x1:0) bits have two functions. The Waveform Generator uses
the COM4x1:0 bits for defining the inverted or non-inverted Waveform Output (OCW4x) at the
next Compare Match. Also, the COM4x1:0 bits control the OC4x and OC4x pin output source.
Figure 15-9 shows a simplified schematic of the logic affected by the COM4x1:0 bit setting. The
I/O Registers, I/O bits, and I/O pins in the figure are shown in bold. Only the parts of the general
I/O Port Control Registers (DDR and PORT) that are affected by the COM4x1:0 bits are shown.
In Normal Mode (non-PWM) the Dead Time Generator is disabled and it is working like a syn-
chronizer: the Output Compare (OC4x) is delayed from the Waveform Output (OCW4x) by one
timer clock cycle. Whereas in Fast PWM Mode and in Phase and Frequency Correct PWM
Mode when the COM4x1:0 bits are set to “01” both the non-inverted and the inverted Output
Compare output are generated, and an user programmable Dead Time delay is inserted for
these complementary output pairs (OC4x and OC4x). The functionality in PWM modes is similar
to Normal mode when any other COM4x1:0 bit setup is used. When referring to the OC4x state,
the reference is for the Output Compare output (OC4x) from the Dead Time Generator, not the
OC4x pin. If a system reset occur, the OC4x is reset to “0”.
The general I/O port function is overridden by the Output Compare (OC4x / OC4x) from the
Dead Time Generator if either of the COM4x1:0 bits are set. However, the OC4x pin direction
(input or output) is still controlled by the Data Direction Register (DDR) for the port pin. The Data
Direction Register bit for the OC4x and OC4x pins (DDR_OC4x and DDR_OC4x) must be set as
output before the OC4x and OC4x values are visible on the pin. The port override function is
independent of the Output Compare mode.
The design of the Output Compare Pin Configuration logic allows initialization of the OC4x state
before the output is enabled. Note that some COM4x1:0 bit settings are reserved for certain
modes of operation. For Output Compare Pin Configurations refer to Table 15-2 on page 152,
Table 15-3 on page 153, Table 15-4 on page 155, and Table 15-5 on page 156.
OCnx
(COMnx = 1)
t non-overlap / rising edge
t non-overlap / falling edge
OCnx
OCWnx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com