Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 164 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 164 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 160Page - ATMEL Corporation ATmega16U4 Datasheet HTML 161Page - ATMEL Corporation ATmega16U4 Datasheet HTML 162Page - ATMEL Corporation ATmega16U4 Datasheet HTML 163Page - ATMEL Corporation ATmega16U4 Datasheet HTML 164Page - ATMEL Corporation ATmega16U4 Datasheet HTML 165Page - ATMEL Corporation ATmega16U4 Datasheet HTML 166Page - ATMEL Corporation ATmega16U4 Datasheet HTML 167Page - ATMEL Corporation ATmega16U4 Datasheet HTML 168Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 408 page
background image
164
7766D–AVR–01/09
ATmega16U4/ATmega32U4
Table 15-8 shows the COM4A1:0 bit functionality when the PWM4A, WGM40 and WGM41 bits
are set to Phase and Frequency Correct PWM Mode.
Table 15-9 shows the COM4A1:0 bit functionality when the PWM4A, WGM40 and WGM41 bits
are set to single-slope PWM6 Mode. In the PWM6 Mode the same Waveform Output (OCW4A)
is used for generating all waveforms and the Output Compare values OC4A and OC4A are con-
nected on OC4x and OC4x pins as described below.
Table 15-10 shows the COM4A1:0 bit functionality when the PWM4A, WGM40 and WGM41 bits
are set to dual-slope PWM6 Mode.I
• Bits 5,4 - COM4B1, COM4B0: Comparator B Output Mode, Bits 1 and 0
These bits control the behavior of the Waveform Output (OCW4B) and the connection of the
Output Compare pin (OC4B). If one or both of the COM4B1:0 bits are set, the OC4B output
overrides the normal port functionality of the I/O pin it is connected to. The complementary
OC4B output is connected only in PWM modes when the COM4B1:0 bits are set to “01”. Note
Table 15-8.
Compare Output Mode, Phase and Frequency Correct PWM Mode
COM1A1..0
OCW1A Behavior
OC4A Pin
OC4A Pin
00
Normal port operation.
Disconnected
Disconnected
01
Cleared on Compare Match when up-counting.
Set on Compare Match when down-counting.
Connected
Connected
10
Cleared on Compare Match when up-counting.
Set on Compare Match when down-counting.
Connected
Disconnected
11
Set on Compare Match when up-counting.
Cleared on Compare Match when down-counting.
Connected
Disconnected
Table 15-9.
Compare Output Mode, Single-Slope PWM6 Mode
COM4A1..0
OCW4A Behavior
OC4x Pin
OC4x Pin
00
Normal port operation.
Disconnected
Disconnected
01
Cleared on Compare Match.
Set when TCNT4 = 0x000.
OC4A
OC4A
10
Cleared on Compare Match.
Set when TCNT4 = 0x000.
OC4A
OC4A
11
Set on Compare Match.
Cleared when TCNT4 = 0x000.
OC4A
OC4A
Table 15-10. Compare Output Mode, Dual-Slope PWM6 Mode
COM4A1..0
OCW4A Behavior
OC4x Pin
OC4x Pin
00
Normal port operation.
Disconnected
Disconnected
01
Cleared on Compare Match when up-counting.
Set on Compare Match when down-counting.
OC4A
OC4A
10
Cleared on Compare Match when up-counting.
Set on Compare Match when down-counting.
OC4A
OC4A
11
Set on Compare Match when up-counting.
Cleared on Compare Match when down-counting.
OC4A
OC4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com