Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 167 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 167 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 163Page - ATMEL Corporation ATmega16U4 Datasheet HTML 164Page - ATMEL Corporation ATmega16U4 Datasheet HTML 165Page - ATMEL Corporation ATmega16U4 Datasheet HTML 166Page - ATMEL Corporation ATmega16U4 Datasheet HTML 167Page - ATMEL Corporation ATmega16U4 Datasheet HTML 168Page - ATMEL Corporation ATmega16U4 Datasheet HTML 169Page - ATMEL Corporation ATmega16U4 Datasheet HTML 170Page - ATMEL Corporation ATmega16U4 Datasheet HTML 171Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 408 page
background image
167
7766D–AVR–01/09
ATmega16U4/ATmega32U4
• Bits 3 .. 0 - CS43, CS42, CS41, CS40: Clock Select Bits 3, 2, 1, and 0
The Clock Select bits 3, 2, 1, and 0 define the prescaling source of Timer/Counter4.
The Stop condition provides a Timer Enable/Disable function.
15.12.3
TCCR4C – Timer/Counter4 Control Register C
• Bits 7,6 - COM4A1S, COM4A0S: Comparator A Output Mode, Bits 1 and 0
These bits are the shadow bits of the COM4A1 and COM4A0 bits that are described in the sec-
tion “TCCR4A – Timer/Counter4 Control Register A” on page 163.
Table 15-14. Division factors of the Dead Time prescaler
DTPS41
DTPS40
Prescaler divides the T/C4 clock by
0
0
1x (no division)
012x
104x
118x
Table 15-15. Timer/Counter4 Prescaler Select
CS43
CS42
CS41
CS40
Asynchronous Clocking Mode
Synchronous Clocking Mode
0000T/C4 stopped
T/C4 stopped
0001PCK
CK
0010PCK/2
CK/2
0011PCK/4
CK/4
0100PCK/8
CK/8
0101PCK/16
CK/16
0110PCK/32
CK/32
0111PCK/64
CK/64
1000PCK/128
CK/128
1001PCK/256
CK/256
1010PCK/512
CK/512
1011PCK/1024
CK/1024
1100PCK/2048
CK/2048
1101PCK/4096
CK/4096
1110PCK/8192
CK/8192
1111PCK/16384
CK/16384
Bit
76543210
COM4A1S
COM4A0S
COM4B1S COMAB0S
COM4D1
COM4D0
FOC4D
PWM4D
TCCR4C
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com