Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 166 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 166 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 162Page - ATMEL Corporation ATmega16U4 Datasheet HTML 163Page - ATMEL Corporation ATmega16U4 Datasheet HTML 164Page - ATMEL Corporation ATmega16U4 Datasheet HTML 165Page - ATMEL Corporation ATmega16U4 Datasheet HTML 166Page - ATMEL Corporation ATmega16U4 Datasheet HTML 167Page - ATMEL Corporation ATmega16U4 Datasheet HTML 168Page - ATMEL Corporation ATmega16U4 Datasheet HTML 169Page - ATMEL Corporation ATmega16U4 Datasheet HTML 170Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 408 page
background image
166
7766D–AVR–01/09
ATmega16U4/ATmega32U4
value. The automatic action programmed in COM4A1 and COM4A0 takes place as if a compare
match had occurred, but no interrupt is generated. The FOC4A bit is always read as zero.
• Bit 2 - FOC4B: Force Output Compare Match 4B
The FOC4B bit is only active when the PWM4B bit specify a non-PWM mode.
Writing a logical one to this bit forces a change in the Waveform Output (OCW4B) and the Out-
put Compare pin (OC4B) according to the values already set in COM4B1 and COM4B0. If
COM4B1 and COM4B0 written in the same cycle as FOC4B, the new settings will be used. The
Force Output Compare bit can be used to change the output pin value regardless of the timer
value. The automatic action programmed in COM4B1 and COM4B0 takes place as if a compare
match had occurred, but no interrupt is generated.
The FOC4B bit is always read as zero.
• Bit 1 - PWM4A: Pulse Width Modulator A Enable
When set (one) this bit enables PWM mode based on comparator OCR4A
• Bit 0 - PWM4B: Pulse Width Modulator B Enable
When set (one) this bit enables PWM mode based on comparator OCR4B.
15.12.2
TCCR4B – Timer/Counter4 Control Register B
• Bit 7 - PWM4X: PWM Inversion Mode
When this bit is set (one), the PWM Inversion Mode is selected and the Dead Time Generator
outputs, OC4x and OC4x are inverted.
• Bit 6 - PSR4: Prescaler Reset Timer/Counter4
When this bit is set (one), the Timer/Counter4 prescaler (TCNT4 is unaffected) will be reset. The
bit will be cleared by hardware after the operation is performed. Writing a zero to this bit will have
no effect. This bit will always read as zero.
• Bits 5,4 - DTPS41, DTPS40: Dead Time Prescaler Bits
The Timer/Counter4 Control Register B is a 8-bit read/write register.
The dedicated Dead Time prescaler in front of the Dead Time Generator can divide the
Timer/Counter4 clock (PCK or CK) by 1, 2, 4 or 8 providing a large range of dead times that can
be generated. The Dead Time prescaler is controlled by two bits DTPS41 and DTPS40 from the
Dead Time Prescaler register. These bits define the division factor of the Dead Time prescaler.
The division factors are given in Table 15-14.
Bit
76543210
PWM4X
PSR4
DTPS41
DTPS40
CS43
CS42
CS41
CS40
TCCR4B
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com