Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 165 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 165 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 161Page - ATMEL Corporation ATmega16U4 Datasheet HTML 162Page - ATMEL Corporation ATmega16U4 Datasheet HTML 163Page - ATMEL Corporation ATmega16U4 Datasheet HTML 164Page - ATMEL Corporation ATmega16U4 Datasheet HTML 165Page - ATMEL Corporation ATmega16U4 Datasheet HTML 166Page - ATMEL Corporation ATmega16U4 Datasheet HTML 167Page - ATMEL Corporation ATmega16U4 Datasheet HTML 168Page - ATMEL Corporation ATmega16U4 Datasheet HTML 169Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 408 page
background image
165
7766D–AVR–01/09
ATmega16U4/ATmega32U4
that the Data Direction Register (DDR) bit corresponding to the OC4B pin must be set in order to
enable the output driver.
The function of the COM4B1:0 bits depends on the PWM4B and WGM40 bit settings. Table 15-
11 shows the COM4B1:0 bit functionality when the PWM4B bit is set to Normal Mode (non-
PWM).
Table 15-12 shows the COM4B1:0 bit functionality when the PWM4B and WGM40 bits are set to
Fast PWM Mode.
Table 15-13 shows the COM4B1:0 bit functionality when the PWM4B and WGM40 bits are set to
Phase and Frequency Correct PWM Mode.
• Bit 3 - FOC4A: Force Output Compare Match 4A
The FOC4A bit is only active when the PWM4A bit specify a non-PWM mode.
Writing a logical one to this bit forces a change in the Waveform Output (OCW4A) and the Out-
put Compare pin (OC4A) according to the values already set in COM4A1 and COM4A0. If
COM4A1 and COM4A0 written in the same cycle as FOC4A, the new settings will be used. The
Force Output Compare bit can be used to change the output pin value regardless of the timer
Table 15-11. Compare Output Mode, Normal Mode (non-PWM)
COM4B1..0
OCW4B Behavior
OC4B Pin
OC4B Pin
00
Normal port operation.
Disconnected
Disconnected
01
Toggle on Compare Match.
Connected
Disconnected
10
Clear on Compare Match.
Connected
Disconnected
11
Set on Compare Match.
Connected
Disconnected
Table 15-12. Compare Output Mode, Fast PWM Mode
COM4B1..0
OCW4B Behavior
OC4B Pin
OC4B Pin
00
Normal port operation.
Disconnected
Disconnected
01
Cleared on Compare Match.
Set when TCNT4 = 0x000.
Connected
Connected
10
Cleared on Compare Match.
Set when TCNT4 = 0x000.
Connected
Disconnected
11
Set on Compare Match.
Cleared when TCNT4 = 0x000.
Connected
Disconnected
Table 15-13. Compare Output Mode, Phase and Frequency Correct PWM Mode
COM4B1..0
OCW4B Behavior
OC4B Pin
OC4B Pin
00
Normal port operation.
Disconnected
Disconnected
01
Cleared on Compare Match when up-counting.
Set on Compare Match when down-counting.
Connected
Connected
10
Cleared on Compare Match when up-counting.
Set on Compare Match when down-counting.
Connected
Disconnected
11
Set on Compare Match when up-counting.
Cleared on Compare Match when down-counting.
Connected
Disconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com