Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 173 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 173 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 169Page - ATMEL Corporation ATmega16U4 Datasheet HTML 170Page - ATMEL Corporation ATmega16U4 Datasheet HTML 171Page - ATMEL Corporation ATmega16U4 Datasheet HTML 172Page - ATMEL Corporation ATmega16U4 Datasheet HTML 173Page - ATMEL Corporation ATmega16U4 Datasheet HTML 174Page - ATMEL Corporation ATmega16U4 Datasheet HTML 175Page - ATMEL Corporation ATmega16U4 Datasheet HTML 176Page - ATMEL Corporation ATmega16U4 Datasheet HTML 177Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 408 page
background image
173
7766D–AVR–01/09
ATmega16U4/ATmega32U4
The output compare register C is an 8-bit read/write register.
The Timer/Counter Output Compare Register C contains data to be continuously compared with
Timer/Counter4, and a compare match will clear TCNT4. This register has the same function in
Normal mode and PWM modes.
Note that, if a smaller value than three is written to the Output Compare Register C, the value is
automatically replaced by three as it is a minimum value allowed to be written to this register.
Note that, if 10-bit accuracy is used special procedures must be followed when accessing the
internal 10-bit Output Compare Registers via the 8-bit AVR data bus. These procedures are
described in section “Accessing 10-Bit Registers” on page 160.
15.12.11 OCR4D – Timer/Counter4 Output Compare Register D
The output compare register D is an 8-bit read/write register.
The Timer/Counter Output Compare Register D contains data to be continuously compared with
Timer/Counter4. Actions on compare matches are specified in TCCR4A. A compare match does
only occur if Timer/Counter4 counts to the OCR4D value. A software write that sets TCNT4 and
OCR4D to the same value does not generate a compare match.
A compare match will set the compare interrupt flag OCF4D after a synchronization delay follow-
ing the compare event.
Note that, if 10-bit accuracy is used special procedures must be followed when accessing the
internal 10-bit Output Compare Registers via the 8-bit AVR data bus. These procedures are
described in section “Accessing 10-Bit Registers” on page 160.
15.12.12 TIMSK4 – Timer/Counter4 Interrupt Mask Register
• Bit 7- OCIE4D: Timer/Counter4 Output Compare Interrupt Enable
When the OCIE4D bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter4 Compare Match D interrupt is enabled. The corresponding interrupt at vector
$010 is executed if a compare match D occurs. The Compare Flag in Timer/Counter4 is set
(one) in the Timer/Counter Interrupt Flag Register.
• Bit 6 - OCIE4A: Timer/Counter4 Output Compare Interrupt Enable
When the OCIE4A bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter4 Compare Match A interrupt is enabled. The corresponding interrupt at vector
$003 is executed if a compare match A occurs. The Compare Flag in Timer/Counter4 is set
(one) in the Timer/Counter Interrupt Flag Register.
• Bit 5 - OCIE4B: Timer/Counter4 Output Compare Interrupt Enable
Bit
76543210
MSB
LSB
OCR4D
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00000000
Bit
76543210
OCIE4D
OCIE4A
OCIE4B
TOIE4
TIMSK4
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com