Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 308 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 308 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 304Page - ATMEL Corporation ATmega16U4 Datasheet HTML 305Page - ATMEL Corporation ATmega16U4 Datasheet HTML 306Page - ATMEL Corporation ATmega16U4 Datasheet HTML 307Page - ATMEL Corporation ATmega16U4 Datasheet HTML 308Page - ATMEL Corporation ATmega16U4 Datasheet HTML 309Page - ATMEL Corporation ATmega16U4 Datasheet HTML 310Page - ATMEL Corporation ATmega16U4 Datasheet HTML 311Page - ATMEL Corporation ATmega16U4 Datasheet HTML 312Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 408 page
background image
308
7766D–AVR–01/09
ATmega16U4/ATmega32U4
Example 1:
– ADMUX = 0xE9, MUX5 = 0 (ADC1 - ADC0, 10x gain, 2.56V reference, left adjusted
result)
– Voltage on ADC1 is 300 mV, voltage on ADC0 is 500 mV.
– ADCR = 512 * 10 * (300 - 500) / 2560 = -400 = 0x270
– ADCL will thus read 0x00, and ADCH will read 0x9C.
Writing zero to ADLAR right adjusts the result: ADCL = 0x70, ADCH = 0x02.
Example 2:
– ADMUX = 0xF0, MUX5 = 0 (ADC0 - ADC1, 1x gain, 2.56V reference, left adjusted
result)
– Voltage on ADC0 is 300 mV, voltage on ADC1 is 500 mV.
– ADCR = 512 * 1 * (300 - 500) / 2560 = -41 = 0x029.
– ADCL will thus read 0x40, and ADCH will read 0x0A.
Writing zero to ADLAR right adjusts the result: ADCL = 0x00, ADCH = 0x29.
24.9
ADC Register Description
24.9.1
ADC Multiplexer Selection Register – ADMUX
• Bit 7:6 – REFS1:0: Reference Selection Bits
These bits select the voltage reference for the ADC, as shown in Table 24-3. If these bits are
changed during a conversion, the change will not go in effect until this conversion is complete
Table 24-2.
Correlation Between Input Voltage and Output Codes
V
ADCn
Read code
Corresponding decimal value
V
ADCm + VREF /GAIN
0x1FF
511
VADCm + 0.999 VREF /GAIN
0x1FF
511
V
ADCm + 0.998 VREF /GAIN
0x1FE
510
...
...
...
VADCm + 0.001 VREF /GAIN
0x001
1
V
ADCm
0x000
0
VADCm - 0.001 VREF /GAIN
0x3FF
-1
...
...
...
V
ADCm - 0.999 VREF /GAIN
0x201
-511
VADCm - VREF /GAIN
0x200
-512
Bit
765
4321
0
REFS1
REFS0
ADLAR
MUX4
MUX3
MUX2
MUX1
MUX0
ADMUX
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com