Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 310 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 310 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 306Page - ATMEL Corporation ATmega16U4 Datasheet HTML 307Page - ATMEL Corporation ATmega16U4 Datasheet HTML 308Page - ATMEL Corporation ATmega16U4 Datasheet HTML 309Page - ATMEL Corporation ATmega16U4 Datasheet HTML 310Page - ATMEL Corporation ATmega16U4 Datasheet HTML 311Page - ATMEL Corporation ATmega16U4 Datasheet HTML 312Page - ATMEL Corporation ATmega16U4 Datasheet HTML 313Page - ATMEL Corporation ATmega16U4 Datasheet HTML 314Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 408 page
background image
310
7766D–AVR–01/09
ATmega16U4/ATmega32U4
010001
N/A
N/A
010010
010011
010100
ADC4
ADC1
1x
010101
ADC5
ADC1
1x
010110
ADC6
ADC1
1x
010111
ADC7
ADC1
1x
011000
N/A
011001
011010
011011
011100
011101
011110
1.1V (V
Band Gap)
011111
0V (GND)
100000
ADC8
100001
ADC9
100010
ADC10
100011
ADC11
100100
ADC12
100101
ADC13
100110
N/A
ADC1
ADC0
40x
100111
Temperature Sensor
101000
N/A
ADC4
ADC0
10x
101001
ADC5
ADC0
10x
101010
ADC6
ADC0
10x
101011
ADC7
ADC0
10x
101100
ADC4
ADC1
10x
101101
ADC5
ADC1
10x
101110
ADC6
ADC1
10x
101111
ADC7
ADC1
10x
110000
ADC4
ADC0
40x
110001
ADC5
ADC0
40x
110010
ADC6
ADC0
40x
110011
ADC7
ADC0
40x
Table 24-4.
Input Channel and Gain Selections
MUX5..0(1)
Single Ended
Input
Positive Differential
Input
Negative Differential
Input
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com